Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9851 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9851
Szczegółowy opis  CMOS 180 MHz DDS/DAC Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9851 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9851 Datasheet HTML 3Page - Analog Devices AD9851 Datasheet HTML 4Page - Analog Devices AD9851 Datasheet HTML 5Page - Analog Devices AD9851 Datasheet HTML 6Page - Analog Devices AD9851 Datasheet HTML 7Page - Analog Devices AD9851 Datasheet HTML 8Page - Analog Devices AD9851 Datasheet HTML 9Page - Analog Devices AD9851 Datasheet HTML 10Page - Analog Devices AD9851 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD9851
–7–
1
Ch1 200mV
T [
]
Tek Run 4.00GS/s
Sample
M 12.5ns Ch 1
–200mV
D 200ps Runs After
 : 208ps
@ : 1.940ns
TPC 7. Typical CMOS comparator p-p output jitter with
the AD9851 configured as a clock generator, DDS fOUT
the AD9851 configured as a clock generator, DDS f
the AD9851 configured as a clock generator, DDS f
=
OUT
OUT
10.1 MHz, VS
10.1 MHz, V
10.1 MHz, V = 5 V, system clock = 180 MHz, 70 MHz LPF.
S
S
Graph details the center portion of a rising edge with
scope in delayed trigger mode, 200 ps/div. Cursors show
208 ps p-p jitter.
1
Ch1 200mV
T
[
]
Tek Run 4.00GS/s
Sample
M 12.5ns Ch 1
–200mV
D 200ps Runs After
 : 204ps
@ : 3.672ns
TPC 8. Typical CMOS comparator p-p output jitter with the
AD9851 configured as a clock generator, DDS fOUT
AD9851 configured as a clock generator, DDS f
AD9851 configured as a clock generator, DDS f
= 40.1 MHz,
OUT
OUT
VS
V
V = 5 V, system clock = 180 MHz, 70 MHz LPF. Graph details
S
S
the center portion of a rising edge with scope in delayed
trigger mode, 200 ps/div. Cursors show 204 ps p-p jitter.
1
Ch1 200mV
T
[
]
Tek Run 4.00GS/s
Sample
 : 280ps
@ : 2.668ns
M 12.5ns Ch 1
–200mV
D 200ps Runs After
TPC 9. Typical CMOS comparator p-p output
jitter with the AD9851 configured as a clock
generator, DDS fOUT
generator, DDS f
generator, DDS f
= 70.1 MHz, V
OUT
OUT
S
= 70.1 MHz, V
= 70.1 MHz, V = 5 V, system
S
S
clock = 180 MHz, 70 MHz LPF. Graph details
the center portion of a rising edge with scope
in delayed trigger mode, 200 ps/div. Cursors
show 280 ps p-p jitter.
FREQUENCY OFFSET – Hz
–145
100
1k
10k
100k
–135
–130
–125
–120
–115
–100
AD9851 PHASE NOISE
–140
TPC 10. Output Phase Noise (5.2 MHz AOUT), 6
OUT
OUT
REFCLK
Multiplier Enabled, System Clock = 180 MHz, Reference
Clock = 30 MHz
REV. D


Podobny numer części - AD9851

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9851 AD-AD9851 Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851 AD-AD9851 Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRS AD-AD9851BRS Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRS AD-AD9851BRS Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSRL AD-AD9851BRSRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
More results

Podobny opis - AD9851

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851 AD-AD9851_15 Datasheet
749Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851 AD-AD9851 Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRSZ AD-AD9851BRSZ Datasheet
749Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com