Zakładka z wyszukiwarką danych komponentów |
|
TC428COA Arkusz danych(PDF) 10 Page - Microchip Technology |
|
TC428COA Arkusz danych(HTML) 10 Page - Microchip Technology |
10 / 16 page TC426/TC427/TC428 DS21415C-page 10 © 2006 Microchip Technology Inc. 5.0 PACKAGING INFORMATION 5.1 Package Marking Information Package marking data not available at this time. 5.2 Taping Form Component Taping Orientation for 8-Pin MSOP Devices Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 8-Pin MSOP 12 mm 8 mm 2500 13 in Carrier Tape, Number of Components Per Reel and Reel Size Pin 1 User Direction of Feed Standard Reel Component Orientation for 713 Suffix Device W P Component Taping Orientation for 8-Pin SOIC (Narrow) Devices Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 8-Pin SOIC (N) 12 mm 8 mm 2500 13 in Carrier Tape, Number of Components Per Reel and Reel Size Standard Reel Component Orientation for 713 Suffix Device Pin 1 User Direction of Feed P W |
Podobny numer części - TC428COA |
|
Podobny opis - TC428COA |