Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC4421ESMG Arkusz danych(PDF) 11 Page - Microchip Technology

Numer części TC4421ESMG
Szczegółowy opis  9A High-Speed MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4421ESMG Arkusz danych(HTML) 11 Page - Microchip Technology

Back Button TC4421ESMG Datasheet HTML 7Page - Microchip Technology TC4421ESMG Datasheet HTML 8Page - Microchip Technology TC4421ESMG Datasheet HTML 9Page - Microchip Technology TC4421ESMG Datasheet HTML 10Page - Microchip Technology TC4421ESMG Datasheet HTML 11Page - Microchip Technology TC4421ESMG Datasheet HTML 12Page - Microchip Technology TC4421ESMG Datasheet HTML 13Page - Microchip Technology TC4421ESMG Datasheet HTML 14Page - Microchip Technology TC4421ESMG Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 2004 Microchip Technology Inc.
DS21420D-page 11
TC4421/TC4422
5-Lead Plastic Transistor Outline (AT) (TO-220)
L
H1
Q
E
b
e1
e
C1
J1
F
A
D
a (5X)
ØP
EJECTOR PIN
e3
Drawing No. C04-036
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed .010" (0.254mm) per side.
JEDEC equivalent: TO-220
*Controlling Parameter
Mold Draft Angle
Lead Width
Lead Thickness
a
C1
b
.014
Dimension Limits
Overall Height
Lead Length
Overall Width
Lead Pitch
A
L
E
.540
MIN
e
Units
.060
INCHES*
.022
0.36
0.56
MILLIMETERS
.190
.560
13.72
MIN
MAX
4.83
14.22
MAX
.160
4.06
Overall Length
D
1.02
0.64
.040
.025
Overall Lead Centers
e1
.263
.385
.560
.273
6.68
6.93
.072
1.52
1.83
.415
9.78
10.54
.590
14.22
14.99
Through Hole Diameter
P
.146
.156
3.71
3.96
J1
Base to Bottom of Lead
.090
2.29
.115
2.92
Through Hole Center
Q
.103
2.87
.113
2.62
Flag Thickness
F
.045
1.40
.055
1.14
Flag Length
H1
.234
6.55
.258
5.94
Space Between Leads
e3
.030
1.02
.040
0.76


Podobny numer części - TC4421ESMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC4421ESM.SM713 MICROCHIP-TC4421ESM.SM713 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
More results

Podobny opis - TC4421ESMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
   9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com