Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV10N100E Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MTV10N100E
Szczegółowy opis  TMOS POWER FET 10 AMPERES 1000 VOLTS RDS(on) = 1.3 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTV10N100E Arkusz danych(HTML) 5 Page - Motorola, Inc

  MTV10N100E Datasheet HTML 1Page - Motorola, Inc MTV10N100E Datasheet HTML 2Page - Motorola, Inc MTV10N100E Datasheet HTML 3Page - Motorola, Inc MTV10N100E Datasheet HTML 4Page - Motorola, Inc MTV10N100E Datasheet HTML 5Page - Motorola, Inc MTV10N100E Datasheet HTML 6Page - Motorola, Inc MTV10N100E Datasheet HTML 7Page - Motorola, Inc MTV10N100E Datasheet HTML 8Page - Motorola, Inc MTV10N100E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MTV10N100E
5
Motorola TMOS Power MOSFET Transistor Device Data
VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
Figure 8. Gate–To–Source and Drain–To–Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
Figure 10. Stored Charge
TJ = 25°C
VGS = 0 V
0
8
10
6
4
2
Figure 11. Diode Forward Voltage versus Current
0.74
0.9
0.82
0.66
0.5
0.58
0
4
8
IS = 10 A
dlS/dt = 100 A/
µs
VDD = 25 V
TJ = 25°C
4
ID, DRAIN CURRENT (AMPS)
2
2
6
6
0
10
1000
100
10
0
10
100
14
12
10
8
6
4
2
0
0
10
20
30
40
50
60
70
80
90
100
Qg, TOTAL GATE CHARGE (nC)
Q2
Q3
560
480
400
320
240
160
80
0
RG, GATE RESISTANCE (OHMS)
Q1
QT
TJ = 25°C
ID = 10 A
VDD = 480 V
ID = 10 A
VGS = 10 V
TJ = 25°C
td(on)
td(off)
VGS
VDS
tf
tr
8
10
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain–to–source voltage and
drain current that a transistor can handle safely when it is for-
ward biased. Curves are based upon maximum peak junc-
tion temperature and a case temperature (TC) of 25°C. Peak
repetitive pulsed power limits are determined by using the
thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance–General
Data and Its Use.”
Switching between the off–state and the on–state may tra-
verse any load line provided neither rated peak current (IDM)
nor rated voltage (VDSS) is exceeded and the transition time
(tr,tf) do not exceed 10 µs. In addition the total power aver-
aged over a complete switching cycle must not exceed
(TJ(MAX) – TC)/(R
θJC).
A Power MOSFET designated E–FET can be safely used
in switching circuits with unclamped inductive loads. For reli-
able operation, the stored energy from circuit inductance dis-
sipated in the transistor while in avalanche must be less than
the rated limit and adjusted for operating conditions differing
from those specified. Although industry practice is to rate in
terms of energy, avalanche energy capability is not a con-
stant. The energy rating decreases non–linearly with an in-
crease of peak current in avalanche and peak junction
temperature.
Although many E–FETs can withstand the stress of drain–
to–source avalanche at currents up to rated pulsed current
(IDM), the energy rating is specified at rated continuous cur-
rent (ID), in accordance with industry custom. The energy rat-
ing must be derated for temperature as shown in the
accompanying graph (Figure 12). Maximum energy at cur-
rents below rated continuous ID can safely be assumed to
equal the values indicated.


Podobny numer części - MTV10N100E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MTV10N100E ONSEMI-MTV10N100E Datasheet
285Kb / 11P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTV10N100E ISC-MTV10N100E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - MTV10N100E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTW10N100E MOTOROLA-MTW10N100E Datasheet
192Kb / 8P
   TMOS POWER FET 10 AMPERES 1000 VOLTS RDS(on) = 1.3 OHM
MTY10N100E MOTOROLA-MTY10N100E Datasheet
228Kb / 8P
   TMOS POWER FET 10 AMPERES 1000 VOLTS RDS(on) = 1.3 OHM
MTP1N100E MOTOROLA-MTP1N100E Datasheet
203Kb / 8P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS RDS(on) = 9.0 OHM
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MTV6N100E MOTOROLA-MTV6N100E Datasheet
262Kb / 10P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTW6N100E MOTOROLA-MTW6N100E Datasheet
195Kb / 8P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTY14N100E MOTOROLA-MTY14N100E Datasheet
232Kb / 8P
   TMOS POWER FET 14 AMPERES 1000 VOLTS RDS(on) = 0.80 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
   TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com