Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8110 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD8110
Szczegółowy opis  260 MHz, 16  8 Buffered Video Crosspoint Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8110 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD8110 Datasheet HTML 6Page - Analog Devices AD8110 Datasheet HTML 7Page - Analog Devices AD8110 Datasheet HTML 8Page - Analog Devices AD8110 Datasheet HTML 9Page - Analog Devices AD8110 Datasheet HTML 10Page - Analog Devices AD8110 Datasheet HTML 11Page - Analog Devices AD8110 Datasheet HTML 12Page - Analog Devices AD8110 Datasheet HTML 13Page - Analog Devices AD8110 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
REV. A
–9–
Typical Performance Characteristics–AD8110/AD8111
FREQUENCY – Hz
–2
1
0
–1
–3
100k
1M
1G
10M
100M
0.2
0.1
0
–0.1
–0.2
–0.3
GAIN
FLATNESS
2
3
0.3
4
5
200mV p-p
2V p-p
RL = 150
TPC 1. AD8110 Frequency Response
FREQUENCY – MHz
–30
–40
–100
0.3
1
200
10
100
–50
–60
–70
–80
–90
ADJACENT
ALL HOSTILE
RL = 1k
TPC 2. AD8110 Crosstalk vs. Frequency
FREQUENCY – Hz
100k
1M
100M
10M
–100
–40
–50
–60
–70
–80
–90
2ND HARMONIC
3RD HARMONIC
RL = 150
VOUT = 2V p-p
TPC 3. AD8110 Distortion vs. Frequency
50
25
0
25
50
25ns/DIV
RL = 150
TPC 4. AD8110 Step Response, 100 mV Step
1
0.5
0
0.5
1
25ns/DIV
RL = 150
TPC 5. AD8110 Step Response, 2 V Step
2V STEP
RL = 150
0
10
2030
40
50607080
10ns/DIV
TPC 6. AD8110 Settling Time


Podobny numer części - AD8110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8110 AD-AD8110 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8110-EB AD-AD8110-EB Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8110-EB AD-AD8110-EB Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110AST AD-AD8110AST Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com