Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV20N50E Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MTV20N50E
Szczegółowy opis  TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTV20N50E Arkusz danych(HTML) 1 Page - Motorola, Inc

  MTV20N50E Datasheet HTML 1Page - Motorola, Inc MTV20N50E Datasheet HTML 2Page - Motorola, Inc MTV20N50E Datasheet HTML 3Page - Motorola, Inc MTV20N50E Datasheet HTML 4Page - Motorola, Inc MTV20N50E Datasheet HTML 5Page - Motorola, Inc MTV20N50E Datasheet HTML 6Page - Motorola, Inc MTV20N50E Datasheet HTML 7Page - Motorola, Inc MTV20N50E Datasheet HTML 8Page - Motorola, Inc MTV20N50E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.
Power Field Effect Transistor
D3PAK for Surface Mount
N–Channel Enhancement–Mode Silicon Gate
The D3PAK package has the capability of housing the largest chip
size of any standard, plastic, surface mount power semiconductor.
This allows it to be used in applications that require surface mount
components with higher power and lower RDS(on) capabilities. This
high voltage MOSFET uses an advanced termination scheme to
provide enhanced voltage–blocking capability without degrading
performance over time. In addition, this advanced TMOS E–FET is
designed to withstand high energy in the avalanche and commuta-
tion modes. The new energy efficient design also offers a drain–to–
source diode with a fast recovery time. Designed for high voltage,
high speed switching applications in surface mount PWM motor
controls and both ac–dc and dc–dc power supplies. These devices
are particularly well suited for bridge circuits where diode speed and
commutating safe operating areas are critical and offer additional
safety margin against unexpected voltage transients.
• Robust High Voltage Termination
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
• Short Heatsink Tab Manufactured – Not Sheared
• Specifically Designed Leadframe for Maximum Power Dissipation
• Available in 24 mm, 13–inch/500 Unit Tape & Reel, Add –RL Suffix to Part Number
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
500
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
500
Vdc
Gate–to–Source Voltage — Continuous
Gate–to–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
±20
±40
Vdc
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
20
14.1
60
Adc
Apk
Total Power Dissipation
Derate above 25
°C
Total Power Dissipation @ TC = 25°C (1)
PD
250
2.0
3.57
Watts
W/
°C
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 100 Vdc, VGS = 10 Vdc, Peak IL = 20 Apk, L = 10 mH, RG = 25 Ω )
EAS
2000
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient (1)
R
θJC
R
θJA
R
θJA
0.5
62.5
35
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
(1) When surface mounted to an FR4 board using the minimum recommended pad size.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Order this document
by MTV20N50E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
CASE 433–01, Style 2
D3PAK Surface Mount
MTV20N50E
TMOS POWER FET
20 AMPERES
500 VOLTS
RDS(on) = 0.240 OHM
®
D
S
G
N–Channel
© Motorola, Inc. 1996


Podobny numer części - MTV20N50E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MTV20N50E ONSEMI-MTV20N50E Datasheet
287Kb / 11P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTV20N50E ISC-MTV20N50E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - MTV20N50E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTW20N50E MOTOROLA-MTW20N50E Datasheet
193Kb / 8P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.24 OHM
MTD2N50E MOTOROLA-MTD2N50E Datasheet
299Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
   TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
MTE53N50E MOTOROLA-MTE53N50E Datasheet
167Kb / 8P
   TMOS POWER FET 53 AMPERES 500 VOLTS RDS(on) = 0.080 OHM
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
MTV16N50E MOTOROLA-MTV16N50E Datasheet
276Kb / 10P
   TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
MTW14N50E MOTOROLA-MTW14N50E Datasheet
205Kb / 8P
   TMOS POWER FET 14 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
MTP2N50E MOTOROLA-MTP2N50E Datasheet
244Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP8N50E MOTOROLA-MTP8N50E Datasheet
158Kb / 6P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS RDS(on) = 0.8 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com