Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9432BSVZ-801 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9432BSVZ-801
Szczegółowy opis  12-Bit, 80 MSPS/105 MSPS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9432BSVZ-801 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9432BSVZ-801 Datasheet HTML 7Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 8Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 9Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 10Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 11Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 12Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 13Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 14Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. E
AD9432
–11–
Table I. Output Coding (VREF = 2.5 V) (Two’s Complement)
Code
AIN–
AIN (V)
Digital Output
+2047
1.000
0111 1111 1111
••
••
0
0
0000 0000 0000
–1
–0.00049
1111 1111 1111
••
••
–2048
–1.000
1000 0000 0000
Voltage Reference
A stable and accurate 2.5 V voltage reference is built into the
AD9432 (VREFOUT). In normal operation the internal refer-
ence is used by strapping Pin 45 to Pin 46 and placing a 0.1
µF
decoupling capacitor at VREFIN.
The input range can be adjusted by varying the reference voltage
applied to the AD9432. No appreciable degradation in perfor-
mance occurs when the reference is adjusted
±5%. The full-scale
range of the ADC tracks reference voltage changes linearly.
Timing
The AD9432 provides latched data outputs, with 10 pipeline
delays. Data outputs are included or available one propagation
delay (tPD) after the rising edge of the encode command
(see Figure 1). The length of the output data lines and loads
placed on them should be minimized to reduce transients within
the AD9432; these transients can detract from the converter’s
dynamic performance.
The minimum guaranteed conversion rate of the AD9432 is
1 MSPS. At internal clock rates below 1 MSPS, dynamic
performance may degrade. Therefore, input clock rates below
1 MHz should be avoided.
During initial power-up, or whenever the clock to the AD9432
is interrupted, the output data will not be accurate data for 200 ns
or 10 clock cycles, whichever is longer.
Using the AD8138 to Drive the AD9432
A new differential output op amp from Analog Devices, Inc.,
the AD8138, can be used to drive the AD9432 in dc-coupled
applications. The AD8138 was specifically designed for ADC
driver applications. Superior SNR performance is maintained up
to analog frequencies of 30 MHz. The AD8138 op amp provides
single-ended-to-differential conversion, providing for a low-cost
option to transformer coupling for ac applications as well.
The circuit in Figure 10 was breadboarded and the measured
performance is shown in Figures 11 and 12. The figures shown
are for
±5 V supplies at the AD8138—performance dropped by
about 1 dB–2 dB with a single 5 V supply at the AD8138.
Figure 11 shows SNR and SINAD for a –1 dBFS analog input
frequency varied from 2 MHz to 40 MHz with an encode rate of
105 MSPS. The measurements are for nominal conditions at
room temperature. Figure 12 shows the second and third har-
monic distortion performance under the same conditions.
The dc common-mode voltage for the AD8138 outputs can be
adjusted via input VOCM to provide the 3 V common-mode voltage
the AD9432 inputs require.
AD8138
500
500
50
50
22pF
AIN
AIN
AD9432
10pF
10pF
500
25
50
500
VOCM
3k
2k
5V
VIN
0.1 F
Figure 10. AD8138/AD9432 Schematic
AIN – MHz
0
20
60
64
40
63
62
61
60
SNR
SINAD
65
66
Figure 11. Measured SNR and SINAD (Encode = 105 MSPS)
AIN – MHz
–80
–90
–100
–70
H2
H3
020
40
60
Figure 12. Measured Second and Third Order Harmonic
Distortion (Encode = 105 MSPS)


Podobny numer części - AD9432BSVZ-801

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9432BSVZ-801 AD-AD9432BSVZ-801 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results

Podobny opis - AD9432BSVZ-801

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 40P
   Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com