Zakładka z wyszukiwarką danych komponentów |
|
AD9517-0APCBZ Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD9517-0APCBZ Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 80 page 12-Output Clock Generator with Integrated 2.8 GHz VCO Data Sheet AD9517-0 Rev. E Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2007–2013 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Low phase noise, phase-locked loop (PLL) On-chip VCO tunes from 2.55 GHz to 2.95 GHz External VCO/VCXO to 2.4 GHz optional 1 differential or 2 single-ended reference inputs Reference monitoring capability Automatic revertive and manual reference switchover/holdover modes Accepts LVPECL, LVDS, or CMOS references to 250 MHz Programmable delays in path to PFD Digital or analog lock detect, selectable 2 pairs of 1.6 GHz LVPECL outputs Each output pair shares a 1-to-32 divider with coarse phase delay Additive output jitter: 225 fs rms Channel-to-channel skew paired outputs of <10 ps 2 pairs of 800 MHz LVDS clock outputs Each output pair shares two cascaded 1-to-32 dividers with coarse phase delay Additive output jitter: 275 fs rms Fine delay adjust (Δt) on each LVDS output Each LVDS output can be reconfigured as two 250 MHz CMOS outputs Automatic synchronization of all outputs on power-up Manual output synchronization available Available in a 48-lead LFCSP APPLICATIONS Low jitter, low phase noise clock distribution 10/40/100 Gb/sec networking line cards, including SONET, Synchronous Ethernet, OTU2/3/4 Forward error correction (G.710) Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs High performance wireless transceivers ATE and high performance instrumentation GENERAL DESCRIPTION The AD9517-01 provides a multi-output clock distribution function with subpicosecond jitter performance, along with an on-chip PLL and VCO. The on-chip VCO tunes from 2.55 GHz to 2.95 GHz. Optionally, an external VCO/VCXO of up to 2.4 GHz can be used. The AD9517-0 emphasizes low jitter and phase noise to maximize data converter performance, and it can benefit other applications with demanding phase noise and jitter requirements. FUNCTIONAL BLOCK DIAGRAM REFIN REF1 REF2 CLK LF DIVIDER AND MUXs CP VCO STATUS MONITOR LVPECL LVPECL LVDS/CMOS LVDS/CMOS SERIAL CONTROL PORT AND DIGITAL LOGIC AD9517-0 OUT0 OUT1 OUT2 OUT3 OUT4 OUT5 OUT6 OUT7 DIV/Φ DIV/Φ DIV/Φ DIV/Φ DIV/Φ DIV/Φ Δt Δt Δt Δt Figure 1. The AD9517-0 features four LVPECL outputs (in two pairs) and four LVDS outputs (in two pairs). Each LVDS output can be reconfigured as two CMOS outputs. The LVPECL outputs operate to 1.6 GHz, the LVDS outputs operate to 800 MHz, and the CMOS outputs operate to 250 MHz. For applications that require additional outputs, a crystal reference input, zero-delay, or EEPROM for automatic configuration at startup, the AD9520 and AD9522 are available. In addition, the AD9516 and AD9518 are similar to the AD9517 but have a different combination of outputs. Each pair of outputs has dividers that allow both the divide ratio and coarse delay (or phase) to be set. The range of division for the LVPECL outputs is 1 to 32. The LVDS/CMOS outputs allow a range of divisions up to a maximum of 1024. The AD9517-0 is available in a 48-lead LFCSP and can be operated from a single 3.3 V supply. An external VCO, which requires an extended voltage range, can be accommodated by connecting the charge pump supply (VCP) to 5 V. A separate LVPECL power supply can be from 2.5 V to 3.3 V (nominal). The AD9517-0 is specified for operation over the industrial range of −40°C to +85°C. 1 AD9517 is used throughout the data sheet to refer to all the members of the AD9517 family. However, when AD9517-0 is used, it refers to that specific member of the AD9517 family. |
Podobny numer części - AD9517-0APCBZ |
|
Podobny opis - AD9517-0APCBZ |