Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG622BRMZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADG622BRMZ
Szczegółowy opis  CMOS 5 V/5 V, 4 Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG622BRMZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADG622BRMZ Datasheet HTML 2Page - Analog Devices ADG622BRMZ Datasheet HTML 3Page - Analog Devices ADG622BRMZ Datasheet HTML 4Page - Analog Devices ADG622BRMZ Datasheet HTML 5Page - Analog Devices ADG622BRMZ Datasheet HTML 6Page - Analog Devices ADG622BRMZ Datasheet HTML 7Page - Analog Devices ADG622BRMZ Datasheet HTML 8Page - Analog Devices ADG622BRMZ Datasheet HTML 9Page - Analog Devices ADG622BRMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
S1
1
D1
2
IN2
3
GND
4
VSS 5
VDD
10
IN1
9
D2
8
S2
7
NC
6
TOP VIEW
(Not to Scale)
ADG621/
ADG622/
ADG623
Figure 4. 10-Lead MSOP (RM-10)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
S1, S2
Source Terminal. May be an input or an output.
2, 8
D1, D2
Drain Terminal. May be an input or an output.
3, 9
IN2, IN1
Control Input.
4
GND
Ground (0 V) Reference.
5
V
SS
Most Negative Power Supply in a Dual-Supply Application. In single-supply applications, this should be tied to
ground at the device.
6
NC
No Connect.
10
V
DD
Most Positive Power Supply Potential.


Podobny numer części - ADG622BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG622BRM AD-ADG622BRM Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
More results

Podobny opis - ADG622BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
   CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG601 AD-ADG601 Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG662 AD-ADG662_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com