Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1208YCPZ-REEL1 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADG1208YCPZ-REEL1
Szczegółowy opis  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1208YCPZ-REEL1 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADG1208YCPZ-REEL1 Datasheet HTML 5Page - Analog Devices ADG1208YCPZ-REEL1 Datasheet HTML 6Page - Analog Devices ADG1208YCPZ-REEL1 Datasheet HTML 7Page - Analog Devices ADG1208YCPZ-REEL1 Datasheet HTML 8Page - Analog Devices ADG1208YCPZ-REEL1 Datasheet HTML 9Page - Analog Devices ADG1208YCPZ-REEL1 Datasheet HTML 10Page - Analog Devices ADG1208YCPZ-REEL1 Datasheet HTML 11Page - Analog Devices ADG1208YCPZ-REEL1 Datasheet HTML 12Page - Analog Devices ADG1208YCPZ-REEL1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 9 of 20
1
2
3
4
5
6
7
8
16
15
14
13
12
EN
VSS
S1A
S2A
A0
GND
VDD
S1B
S2B
A1
ADG1209
TOP VIEW
(Not to Scale)
11
10
9
S4A
S3A
S4B
DA
DB
S3B
PIN 1
INDICATOR
1
VSS
2
S1A
3
S2A
4
S3A
11 S1B
12 VDD
10 S2B
9S3B
TOP VIEW
(Not to Scale)
ADG1209
Figure 5. ADG1209 Pin Configuration (TSSOP/SOIC)
Figure 6. ADG1209 Pin Configurations (LFCSP_VQ),
Exposed Pad Tied to Substrate, VSS
Table 6. ADG1209 Pin Function Descriptions
Pin Number
TSSOP/SOIC
LFCSP_VQ
Mnemonic
Description
1
15
A0
Logic Control Input.
2
16
EN
Active High Digital Input. When low, the device is disabled and all switches are off.
When high, Ax logic inputs determine on switches.
3
1
VSS
Most Negative Power Supply Potential. In single-supply applications, it can be
connected to ground.
4
2
S1A
Source Terminal 1A. Can be an input or an output.
5
3
S2A
Source Terminal 2A. Can be an input or an output.
6
4
S3A
Source Terminal 3A. Can be an input or an output.
7
5
S4A
Source Terminal 4A. Can be an input or an output.
8
6
DA
Drain Terminal A. Can be an input or an output.
9
7
DB
Drain Terminal B. Can be an input or an output.
10
8
S4B
Source Terminal 4B. Can be an input or an output.
11
9
S3B
Source Terminal 3B. Can be an input or an output.
12
10
S2B
Source Terminal 2B. Can be an input or an output.
13
11
S1B
Source Terminal 1B. Can be an input or an output.
14
12
VDD
Most Positive Power Supply Potential.
15
13
GND
Ground (0 V) Reference.
16
14
A1
Logic Control Input.
Table 7. ADG1209 Truth Table
A1
A0
EN
On Switch Pair
X
X
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4


Podobny numer części - ADG1208YCPZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1208YCPZ-REEL AD-ADG1208YCPZ-REEL Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1208YCPZ-REEL AD-ADG1208YCPZ-REEL Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1208YCPZ-REEL7 AD-ADG1208YCPZ-REEL7 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1208YCPZ-REEL7 AD-ADG1208YCPZ-REEL7 Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
More results

Podobny opis - ADG1208YCPZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
   4- and 8-Channel -15 V/12 V Multiplexers
REV. 0
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com