Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1221BRMZ1 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG1221BRMZ1
Szczegółowy opis  Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1221BRMZ1 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG1221BRMZ1 Datasheet HTML 7Page - Analog Devices ADG1221BRMZ1 Datasheet HTML 8Page - Analog Devices ADG1221BRMZ1 Datasheet HTML 9Page - Analog Devices ADG1221BRMZ1 Datasheet HTML 10Page - Analog Devices ADG1221BRMZ1 Datasheet HTML 11Page - Analog Devices ADG1221BRMZ1 Datasheet HTML 12Page - Analog Devices ADG1221BRMZ1 Datasheet HTML 13Page - Analog Devices ADG1221BRMZ1 Datasheet HTML 14Page - Analog Devices ADG1221BRMZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG1221/ADG1222/ADG1223
Rev. A | Page 11 of 16
–120
10k
0
1G
FREQUENCY (Hz)
–20
–40
–60
–80
–100
100k
1M
10M
100M
VDD = +15V
VSS = –15V
TA = 25ºC
Figure 16. Crosstalk vs. Frequency
–24
–12
10k
0
1G
FREQUENCY (Hz)
–16
–18
–20
–22
–14
–2
–4
–6
–8
–10
100k
1M
10M
100M
100M
VDD = +15V
VSS = –15V
TA = 25ºC
Figure 17. Insertion Loss vs. Frequency
0
–100
100k
1M
10M
FREQUENCY (Hz)
100M
–10
–20
–30
–40
–50
–60
–70
–80
–90
VDD = +15V
VSS = –15V
Vp-p = 0.63V
TA = 25ºC
DECOUPLING CAPS ON
NO DECOUPLING CAPS ON
Figure 18. ACPSRR vs. Frequency
FREQUENCY (Hz)
10
1
0.1
0.01
10
100
1k
10k
100k
LOAD = 10kΩ
TA = 25°C
VDD = +5V, VSS = –5V, VS = +3.5V rms
VDD = +15V, VSS = –15V, VS = +5V rms
Figure 19. THD + N vs. Frequency


Podobny numer części - ADG1221BRMZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1221BRMZ AD-ADG1221BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1221BRMZ-REEL7 AD-ADG1221BRMZ-REEL7 Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
More results

Podobny opis - ADG1221BRMZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com