Zakładka z wyszukiwarką danych komponentów |
|
ADG1223BRMZ1 Arkusz danych(PDF) 1 Page - Analog Devices |
|
ADG1223BRMZ1 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 16 page Low Capacitance, Low Charge Injection, ±15 V/+12 V iCMOS® Dual SPST Switches ADG1221/ADG1222/ADG1223 Rev. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2007–2009 Analog Devices, Inc. All rights reserved. FEATURES <0.5 pC charge injection over full signal range Off capacitance: 2 pF Off leakage: 20 pA Supply range: 33 V On resistance: 120 Ω Fully specified at ±15 V, +12 V No VL supply required 3 V logic-compatible inputs Rail-to-rail operation 10-lead MSOP package APPLICATIONS Automatic test equipment Data acquisition systems Battery-powered systems Sample-and-hold systems Audio signal routing Video signal routing Communication systems FUNCTIONAL BLOCK DIAGRAM ADG1221 S1 D1 IN2 IN1 D2 S2 ADG1223 S1 D1 IN2 IN1 D2 S2 ADG1222 S1 D1 IN2 IN1 D2 S2 SWITCHES SHOWN FOR A LOGIC 0 INPUT Figure 1. GENERAL DESCRIPTION The ADG1221/ADG1222/ADG1223 are monolithic, complemen- tary metal-oxide semiconductor (CMOS) devices containing four independently selectable switches designed on an iCMOS (industrial CMOS) process. iCMOS is a modular manufacturing process combining high voltage CMOS and bipolar technologies. It enables the development of a wide range of high performance analog ICs, capable of 33 V operation, in a footprint that no previous generation of high voltage parts has been able to achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can tolerate high supply voltages while providing increased performance, dramatically lower power consumption, and reduced package size. The ultralow capacitance and exceptionally low charge injection of these switches make them ideal solutions for data acquisition and sample-and-hold applications, where low glitch and fast settling are required. Figure 2 shows that there is minimum charge injection over the full signal range of the device. The ADG1221/ADG1222/ADG1223 contain two independent single-pole/single-throw (SPST) switches. The ADG1221 and ADG1222 differ only in that the digital control logic is inverted. The ADG1221 switches are turned on with Logic 1 on the appro- priate control input, and Logic 0 is required for the ADG1222. The ADG1223 has one switch with digital control logic similar to that of the ADG1221; the logic is inverted on the other switch. The ADG1223 exhibits break-before-make switching action for use in multiplexer applications. Each switch conducts equally well in both directions when on and has an input signal range that extends to the supplies. In the off condition, signal levels up to the supplies are blocked. 0.5 –0.5 –15 15 INPUT VOLTAGE (V) 0.4 0.3 0.2 0.1 0 –0.1 –0.2 –0.3 –0.4 –10 –5 0 5 10 TA = 25ºC VDD = +15V VSS = –15V VDD = +5V VSS = –5V VDD = 12V VSS = 0V Figure 2. Charge Injection vs. Input Voltage |
Podobny numer części - ADG1223BRMZ1 |
|
Podobny opis - ADG1223BRMZ1 |