Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM6315-46D4ARTZR7 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADM6315-46D4ARTZR7
Szczegółowy opis  Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM6315-46D4ARTZR7 Arkusz danych(HTML) 3 Page - Analog Devices

  ADM6315-46D4ARTZR7 Datasheet HTML 1Page - Analog Devices ADM6315-46D4ARTZR7 Datasheet HTML 2Page - Analog Devices ADM6315-46D4ARTZR7 Datasheet HTML 3Page - Analog Devices ADM6315-46D4ARTZR7 Datasheet HTML 4Page - Analog Devices ADM6315-46D4ARTZR7 Datasheet HTML 5Page - Analog Devices ADM6315-46D4ARTZR7 Datasheet HTML 6Page - Analog Devices ADM6315-46D4ARTZR7 Datasheet HTML 7Page - Analog Devices ADM6315-46D4ARTZR7 Datasheet HTML 8Page - Analog Devices ADM6315-46D4ARTZR7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM6315
Rev. E | Page 3 of 12
SPECIFICATIONS
VCC = full operating range, TA = TMIN to TMAX, VCC typical = 5 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY
Operating Voltage
1
5.5
V
TA = −40°C to +85°C
VCC Supply Current
5
12
μA
VCC = 5.5 V, no load, TA = −40°C to +85°C
15
μA
VCC = 5.5 V, no load, TA = −40°C to +125°C
4
10
μA
VCC = 3.6 V, no load, TA = −40°C to +85°C
12
μA
VCC = 3.6 V, no load, TA = −40°C to +125°C
RESET VOLTAGE THRESHOLD (VTH)
VTH − 1.8%
VTH
VTH + 1.8%
V
TA = 25°C
VTH − 2.5%
VTH + 2.5%
V
TA = −40°C to +85°C
VTH − 3.5%
VTH + 3.5%
V
TA = −40°C to +125°C
RESET THRESHOLD TEMPERATURE COEFFICIENT
60
ppm/°C
VCC TO RESET DELAY
35
μs
VCC = falling at 1 mV/μs
RESET ACTIVE TIMEOUT PERIOD
ADM6315xxD1
1
1.4
2
ms
TA = −40°C to +85°C
0.8
2.4
ms
TA = −40°C to +125°C
ADM6315xxD2
20
28
40
ms
TA = −40°C to +85°C
16
48
ms
TA = −40°C to +125°C
ADM6315xxD3
140
200
280
ms
TA = −40°C to +85°C
112
336
ms
TA = −40°C to +125°C
ADM6315xxD4
1120
1570
2240
ms
TA = −40°C to +85°C
896
2688
ms
TA = −40°C to +125°C
MANUAL RESET
Input Threshold
0.8
V
VTH > 4 V (VIL)
2.4
V
VTH > 4 V (VIH)
0.3 × VCC
V
VTH < 4 V (VIL)
0.7 × VCC
V
VTH < 4 V (VIH)
Minimum Input Pulse
1
μs
Glitch Rejection
100
ns
To Reset Delay
500
ns
Pull-Up Resistance
32
63
100
RESET OUTPUT
Output Voltage
0.4
V
VCC > 4.25 V, ISINK = 3.2 mA
0.3
V
VCC > 2.5 V, ISINK = 1.2 mA
0.3
V
VCC > 1 V, ISINK = 80 μA
Output Leakage Current
1
μA
VCC > VTH, RESET deasserted


Podobny numer części - ADM6315-46D4ARTZR7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6315-46D4ARTZR7 AD-ADM6315-46D4ARTZR7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results

Podobny opis - ADM6315-46D4ARTZR7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315_VE AD-ADM6315_VE Datasheet
272Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-29D3ARTRL7 AD-ADM6315-29D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D3ARTZR7 AD-ADM6315-26D3ARTZR7 Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315 AD-ADM6315 Datasheet
99Kb / 8P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
REV. 0
ADM6315-46D3ART-RL7 AD-ADM6315-46D3ART-RL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D4ART-RL AD-ADM6315-26D4ART-RL Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
286Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811RART AD-ADM811RART Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com