Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM6823RYRJZ-RL7 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADM6823RYRJZ-RL7
Szczegółowy opis  Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM6823RYRJZ-RL7 Arkusz danych(HTML) 3 Page - Analog Devices

  ADM6823RYRJZ-RL7 Datasheet HTML 1Page - Analog Devices ADM6823RYRJZ-RL7 Datasheet HTML 2Page - Analog Devices ADM6823RYRJZ-RL7 Datasheet HTML 3Page - Analog Devices ADM6823RYRJZ-RL7 Datasheet HTML 4Page - Analog Devices ADM6823RYRJZ-RL7 Datasheet HTML 5Page - Analog Devices ADM6823RYRJZ-RL7 Datasheet HTML 6Page - Analog Devices ADM6823RYRJZ-RL7 Datasheet HTML 7Page - Analog Devices ADM6823RYRJZ-RL7 Datasheet HTML 8Page - Analog Devices ADM6823RYRJZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM6821/ADM6822/ADM6823/ADM6824/ADM6825
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VCC = 4.5 V to 5.5 V for ADM682_L/M; VCC = 2.7 V to 3.6 V for ADM682_T/S/R; VCC = 2.1 V to 2.75 V for ADM682_Z/Y; VCC = 1.53 V
to 2.0 V for ADM682_W/V; TA = –40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY
VCC Operating Voltage Range
1
5.5
V
Supply Current
10
20
μA
WDI and MR unconnected, VCC = 5.5 V
7
16
μA
WDI and MR unconnected, VCC = 3.6 V
RESET THRESHOLD VOLTAGE
ADM682xL
4.50
4.63
4.75
V
ADM682xM
4.25
4.38
4.50
V
ADM682xT
3.00
3.08
3.15
V
ADM682xS
2.85
2.93
3.00
V
ADM682xR
2.55
2.63
2.70
V
ADM682xZ
2.25
2.32
2.38
V
ADM682xY
2.12
2.19
2.25
V
ADM682xW
1.62
1.67
1.71
V
ADM682xV
1.52
1.58
1.62
V
RESET THRESHOLD TEMPERATURE COEFFICIENT
60
ppm/°C
RESET THRESHOLD HYSTERESIS
2 x VTH
mV
VCC TO RESET DELAY
20
μs
VTH
− VCC = 100 mV
RESET TIMEOUT PERIOD
140
200
280
ms
RESET Output Voltage
VOL (Push-Pull or Open-Drain)
0.3
V
VCC > = 1 V, ISINK = 50 μA
0.3
V
VCC > = 1.2 V, ISINK = 100 μA
0.3
V
VCC > = 2.55 V, ISINK = 1.2 mA
0.4
V
VCC > = 4.25 V, ISINK = 3.2 mA
VOH (Push-Pull Only)
0.8 × VCC
V
VCC > = 1.8 V, ISOURCE = 200 μA
0.8 × VCC
V
VCC > = 3.15 V, ISOURCE = 500 μA
0.8 × VCC
V
VCC > = 4.75 V, ISOURCE = 800 μA
RESET OUTPUT LEAKAGE CURRENT (Open-Drain
Only)
1
μA
RESET not asserted
RESET OUTPUT VOLTAGE (Push-Pull Only)
VOH
0.8 × VCC
V
VCC > = 1 V, ISOURCE = 1 μA
0.8 × VCC
V
VCC > = 1.5 V, ISOURCE = 100 μA
0.8 × VCC
V
VCC > = 2.55 V, ISOURCE = 500 μA
0.8 × VCC
V
VCC > = 4.25 V, ISOURCE = 800 μA
VOL
0.3
V
VCC > = 1.8 V, ISINK = 500 μA
0.3
V
VCC > = 3.15 V, ISINK = 1.2 mA
0.4
V
VCC > = 4.75 V, ISINK = 3.2 mA
MANUAL RESET INPUT
(ADM6821/ADM6822/ADM6823/ADM6825)
MR Input Threshold
VIL
0.3 × VCC
V
VIH
0.7 × VCC
V
MR Input Pulse Width
1
μs
MR Glitch Rejection
100
ns
MR to Reset Delay
200
ns
MR Pull-Up Resistance
25
50
75


Podobny numer części - ADM6823RYRJZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6823RART-RL AD-ADM6823RART-RL Datasheet
132Kb / 7P
   Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Rev. PrA
ADM6823RART-RL7 AD-ADM6823RART-RL7 Datasheet
132Kb / 7P
   Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Rev. PrA
More results

Podobny opis - ADM6823RYRJZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6823SYRJZ-RL7 AD-ADM6823SYRJZ-RL7 Datasheet
252Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6821 AD-ADM6821 Datasheet
132Kb / 7P
   Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Rev. PrA
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com