Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3334AR Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADP3334AR
Szczegółowy opis  High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3334AR Arkusz danych(HTML) 5 Page - Analog Devices

  ADP3334AR Datasheet HTML 1Page - Analog Devices ADP3334AR Datasheet HTML 2Page - Analog Devices ADP3334AR Datasheet HTML 3Page - Analog Devices ADP3334AR Datasheet HTML 4Page - Analog Devices ADP3334AR Datasheet HTML 5Page - Analog Devices ADP3334AR Datasheet HTML 6Page - Analog Devices ADP3334AR Datasheet HTML 7Page - Analog Devices ADP3334AR Datasheet HTML 8Page - Analog Devices ADP3334AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
ADP3334
–5–
VOUT = 2.2V
RL = 4.4
CL = 1 F
TIME –
s
3.000
3.500
2.170
2.180
2.190
2.200
2.210
40
80
140
180
TPC 10. Line Transient Response
VOUT = 2.2V
VIN = 6V
CL = 10 F
TIME –
s
0
200
400
2.1
2.2
2.3
200
400
600
800
TPC 13. Load Transient Response
FREQUENCY – Hz
10
100
1k
10k
100k
1M
10M
–20
–30
–40
–50
–60
–70
–80
–90
CL = 1 F
IL = 500mA
CL = 1 F
IL = 50 A
CL = 10 F
IL = 500mA
CL = 10 F
IL = 50 A
VOUT = 2.2V
TPC 16. Power Supply Ripple
Rejection
VOUT = 2.2V
RL = 4.4
CL = 10 F
TIME –
s
3.000
3.500
2.170
2.180
2.190
2.200
2.210
40
80
140
180
TPC 11. Line Transient Response
TIME –
s
0
1
2
0
2.2
200
400
600
800
VIN = 4V
800m
SHORT
FULL SHORT
3
TPC 14. Short Circuit Current
120
160
050
10
20
30
40
100
80
60
140
CL – F
40
20
0
VOUT = 2.0V
CNR = 10nF
I
L = 0mA WITH NOISE REDUCTION
I
L = 0mA WITHOUT
NOISE REDUCTION
I
L = 500mA WITHOUT
NOISE REDUCTION
I
L = 500mA WITH
NOISE REDUCTION
TPC 17. RMS Noise vs. CL
(10 Hz to 100 kHz)
VIN = 6V
VOUT = 2.2V
CL = 1 F
TIME –
s
200
400
600
800
0
200
400
2.1
2.2
2.3
TPC 12. Load Transient Response
TIME –
s
0
0
2
1
2
200
400
600
800
1 F
1 F
10 F
10 F
VIN = 6V
VOUT = 2.2V
RL = 4.4
TPC 15. Turn Off/On Response
FREQUENCY – Hz
100
10
100
1M
1k
10k
100k
10
1
0.1
0.01
0.001
VOUT = 2.2V
IL = 1mA
CL = 1 F
CNR = 0
CL = 10 F
CNR = 0
CL = 1 F
CNR = 10nF
CL = 10 F
CNR = 10nF
TPC 18. Output Noise Density


Podobny numer części - ADP3334AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3334AR AD-ADP3334AR Datasheet
230Kb / 8P
   High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3334ARMZ-REEL AD-ADP3334ARMZ-REEL Datasheet
477Kb / 12P
   High Accuracy, Low IQ, anyCAP짰 Adjustable Low Dropout Regulator
REV. B
More results

Podobny opis - ADP3334AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3334 AD-ADP3334 Datasheet
230Kb / 8P
   High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com