Zakładka z wyszukiwarką danych komponentów |
|
ADSP-2185LBSTZ-1602 Arkusz danych(PDF) 3 Page - Analog Devices |
|
ADSP-2185LBSTZ-1602 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 48 page ADSP-2184L/ADSP-2185L/ADSP-2186L/ADSP-2187L Rev. C | Page 3 of 48 | January 2008 GENERAL DESCRIPTION The ADSP-218xL series consists of four single chip microcom- puters optimized for digital signal processing applications. The functional block diagram for the ADSP-218xL series members appears in Figure 1 on Page 1. All series members are pin-com- patible and are differentiated solely by the amount of on-chip SRAM. This feature, combined with ADSP-21xx code compati- bility, provides a great deal of flexibility in the design decision. Specific family members are shown in Table 1. ADSP-218xL series members combine the ADSP-2100 family base architecture (three computational units, data address gen- erators, and a program sequencer) with two serial ports, a 16-bit internal DMA port, a byte DMA port, a programmable timer, flag I/O, extensive interrupt capabilities, and on-chip program and data memory. ADSP-218xL series members integrate up to 160K bytes of on- chip memory configured as up to 32K words (24-bit) of pro- gram RAM, and up to 32K words (16-bit) of data RAM. Power- down circuitry is also provided to meet the low power needs of battery-operated portable equipment. The ADSP-218xL is avail- able in 100-lead LQFP and 144-ball BGA packages. Fabricated using high-speed, low-power, CMOS processes, ADSP-218xL series members operate with a 19 ns instruction cycle time (ADSP-2185L and ADSP-2187L) or a a 25 ns instruc- tion cycle time (ADSP-2184L and ADSP-2186L). Every instruction can execute in a single processor cycle. The ADSP-218xL’s flexible architecture and comprehensive instruction set allow the processor to perform multiple opera- tions in parallel. In one processor cycle, ADSP-218xL series members can: • Generate the next program address • Fetch the next instruction • Perform one or two data moves • Update one or two data address pointers • Perform a computational operation This takes place while the processor continues to: • Receive and transmit data through the two serial ports • Receive and/or transmit data through the internal DMA port • Receive and/or transmit data through the byte DMA port • Decrement timer ARCHITECTURE OVERVIEW The ADSP-218xL series instruction set provides flexible data moves and multifunction (one or two data moves with a com- putation) instructions. Every instruction can be executed in a single processor cycle. The ADSP-218xL assembly language uses an algebraic syntax for ease of coding and readability. A com- prehensive set of development tools supports program development. The functional block diagram is an overall block diagram of the ADSP-218xL series. The processor contains three independent computational units: the ALU, the multiplier/accumulator (MAC), and the shifter. The computational units process 16-bit data directly and have provisions to support multiprecision computations. The ALU performs a standard set of arithmetic and logic operations; division primitives are also supported. The MAC performs single-cycle multiply, multiply/add, and multi- ply/subtract operations with 40 bits of accumulation. The shifter performs logical and arithmetic shifts, normalization, denor- malization, and derive exponent operations. The shifter can be used to efficiently implement numeric format control, including multiword and block floating-point representations. The internal result (R) bus connects the computational units so that the output of any unit may be the input of any unit on the next cycle. A powerful program sequencer and two dedicated data address generators ensure efficient delivery of operands to these compu- tational units. The sequencer supports conditional jumps, subroutine calls, and returns in a single cycle. With internal loop counters and loop stacks, ADSP-218xL series members execute looped code with zero overhead; no explicit jump instructions are required to maintain loops. Two data address generators (DAGs) provide addresses for simultaneous dual operand fetches (from data memory and pro- gram memory). Each DAG maintains and updates four address pointers. Whenever the pointer is used to access data (indirect addressing), it is post-modified by the value of one of four possi- ble modify registers. A length value may be associated with each pointer to implement automatic modulo addressing for circular buffers. Five internal buses provide efficient data transfer: • Program Memory Address (PMA) Bus • Program Memory Data (PMD) Bus • Data Memory Address (DMA) Bus • Data Memory Data (DMD) Bus • Result (R) Bus Table 1. ADSP-218xL DSP Microcomputer Family Device Program Memory (K words) Data Memory (K words) ADSP-2184L 4 4 ADSP-2185L 16 16 ADSP-2186L 8 8 ADSP-2187L 32 32 |
Podobny numer części - ADSP-2185LBSTZ-1602 |
|
Podobny opis - ADSP-2185LBSTZ-1602 |