Zakładka z wyszukiwarką danych komponentów |
|
ADSP-2188NKSTZ-3202 Arkusz danych(PDF) 6 Page - Analog Devices |
|
ADSP-2188NKSTZ-3202 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 48 page Rev. A | Page 6 of 48 | August 2006 ADSP-218xN Interrupt routines can either be nested with higher priority interrupts taking precedence or processed sequentially. Inter- rupts can be masked or unmasked with the IMASK register. Individual interrupt requests are logically ANDed with the bits in IMASK; the highest priority unmasked interrupt is then selected. The power-down interrupt is nonmaskable. ADSP-218xN series members mask all interrupts for one instruction cycle following the execution of an instruction that modifies the IMASK register. This does not affect serial port autobuffering or DMA transfers. The interrupt control register, ICNTL, controls interrupt nest- ing and defines the IRQ0, IRQ1, and IRQ2 external interrupts to be either edge- or level-sensitive. The IRQE pin is an external edge-sensitive interrupt and can be forced and cleared. The IRQL0 and IRQL1 pins are external level sensitive interrupts. The IFC register is a write-only register used to force and clear interrupts. On-chip stacks preserve the processor status and are automatically maintained during interrupt handling. The stacks are 12 levels deep to allow interrupt, loop, and subroutine nest- ing. The following instructions allow global enable or disable servicing of the interrupts (including power-down), regardless of the state of IMASK: ENA INTS; DIS INTS; Disabling the interrupts does not affect serial port autobuffering or DMA. When the processor is reset, interrupt servicing is enabled. LOW-POWER OPERATION ADSP-218xN series members have three low-power modes that significantly reduce the power dissipation when the device oper- ates under standby conditions. These modes are: • Power-Down •Idle • Slow Idle The CLKOUT pin may also be disabled to reduce external power dissipation. Power-Down ADSP-218xN series members have a low-power feature that lets the processor enter a very low-power dormant state through hardware or software control. Following is a brief list of power- down features. Refer to the ADSP-218x DSP Hardware Refer- ence, “System Interface” chapter, for detailed information about the power-down feature. • Quick recovery from power-down. The processor begins executing instructions in as few as 200 CLKIN cycles. • Support for an externally generated TTL or CMOS proces- sor clock. The external clock can continue running during power-down without affecting the lowest power rating and 200 CLKIN cycle recovery. • Support for crystal operation includes disabling the oscilla- tor to save power (the processor automatically waits approximately 4096 CLKIN cycles for the crystal oscillator to start or stabilize), and letting the oscillator run to allow 200 CLKIN cycle start-up. • Power-down is initiated by either the power-down pin (PWD) or the software power-down force bit. Interrupt support allows an unlimited number of instructions to be executed before optionally powering down. The power- down interrupt also can be used as a nonmaskable, edge- sensitive interrupt. • Context clear/save control allows the processor to continue where it left off or start with a clean context when leaving the power-down state. •The RESET pin also can be used to terminate power-down. • Power-down acknowledge pin (PWDACK) indicates when the processor has entered power-down. Idle When the ADSP-218xN is in the Idle Mode, the processor waits indefinitely in a low-power state until an interrupt occurs. When an unmasked interrupt occurs, it is serviced; execution then continues with the instruction following the IDLE instruc- tion. In Idle mode IDMA, BDMA, and autobuffer cycle steals still occur. Slow Idle The IDLE instruction is enhanced on ADSP-218xN series mem- bers to let the processor’s internal clock signal be slowed, further reducing power consumption. The reduced clock frequency, a programmable fraction of the normal clock rate, is specified by a selectable divisor given in the IDLE instruction. The format of the instruction is: IDLE (n); where n = 16, 32, 64, or 128. This instruction keeps the proces- sor fully functional, but operating at the slower clock rate. While it is in this state, the processor’s other internal clock signals, Table 3. Interrupt Priority and Interrupt Vector Addresses Source Of Interrupt Interrupt Vector Address (Hex) Reset (or Power-Up with PUCR = 1) 0x0000 (Highest Priority) Power-Down (Nonmaskable) 0x002C IRQ2 0x0004 IRQL1 0x0008 IRQL0 0x000C SPORT0 Transmit 0x0010 SPORT0 Receive 0x0014 IRQE 0x0018 BDMA Interrupt 0x001C SPORT1 Transmit or IRQ1 0x0020 SPORT1 Receive or IRQ0 0x0024 Timer 0x0028 (Lowest Priority) |
Podobny numer części - ADSP-2188NKSTZ-3202 |
|
Podobny opis - ADSP-2188NKSTZ-3202 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |