Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2187LKST-210 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADSP-2187LKST-210
Szczegółowy opis  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2187LKST-210 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADSP-2187LKST-210 Datasheet HTML 7Page - Analog Devices ADSP-2187LKST-210 Datasheet HTML 8Page - Analog Devices ADSP-2187LKST-210 Datasheet HTML 9Page - Analog Devices ADSP-2187LKST-210 Datasheet HTML 10Page - Analog Devices ADSP-2187LKST-210 Datasheet HTML 11Page - Analog Devices ADSP-2187LKST-210 Datasheet HTML 12Page - Analog Devices ADSP-2187LKST-210 Datasheet HTML 13Page - Analog Devices ADSP-2187LKST-210 Datasheet HTML 14Page - Analog Devices ADSP-2187LKST-210 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
ADSP-2184L/ADSP-2185L/ADSP-2186L/ADSP-2187L
Rev. C
|
Page 11 of 48
|
January 2008
See Figure 9 and Figure 10 for illustration of the programmable
flag and composite control register and the system
control register.
Byte Memory Select
The ADSP-218xL’s BMS disable feature combined with the
CMS pin allows use of multiple memories in the byte memory
space. For example, an EPROM could be attached to the BMS
select, and a flash memory could be connected to CMS. Because
at reset BMS is enabled, the EPROM would be used for booting.
After booting, software could disable BMS and set the CMS sig-
nal to respond to BMS, enabling the flash memory.
Byte Memory
The byte memory space is a bidirectional, 8-bit-wide,
external memory space used to store programs and data. Byte
memory is accessed using the BDMA feature. The byte memory
space consists of 256 pages, each of which is 16K
8bits.
The byte memory space on the ADSP-218xL series supports
read and write operations as well as four different data formats.
The byte memory uses data bits 15–8 for data. The byte mem-
ory uses data bits 23–16 and address bits 13–0 to create a 22-bit
address. This allows up to a 4 megabit
8 (32 megabit) ROM
or RAM to be used without glue logic. All byte memory accesses
are timed by the BMWAIT register.
Byte Memory DMA (BDMA, Full Memory Mode)
The byte memory DMA controller (Figure 11) allows loading
and storing of program instructions and data using the byte
memory space. The BDMA circuit is able to access the byte
memory space while the processor is operating normally and
steals only one DSP cycle per 8-, 16-, or 24-bit word transferred.
The BDMA circuit supports four different data formats that are
selected by the BTYPE register field. The appropriate number of
8-bit accesses are done from the byte memory space to build the
word size selected. Table 7 shows the data formats supported by
the BDMA circuit.
Unused bits in the 8-bit data memory formats are filled with 0s.
The BIAD register field is used to specify the starting address for
the on-chip memory involved with the transfer. The 14-bit
BEAD register specifies the starting address for the external byte
memory space. The 8-bit BMPAGE register specifies the start-
ing page for the external byte memory space. The BDIR register
field selects the direction of the transfer. Finally, the 14-bit
BWCOUNT register specifies the number of DSP words to
transfer and initiates the BDMA circuit transfers.
BDMA accesses can cross page boundaries during sequential
addressing. A BDMA interrupt is generated on the completion
of the number of transfers specified by the BWCOUNT register.
The BWCOUNT register is updated after each transfer so it can
be used to check the status of the transfers. When it reaches
zero, the transfers have finished and a BDMA interrupt is gener-
ated. The BMPAGE and BEAD registers must not be accessed
by the DSP during BDMA operations. The source or destination
of a BDMA transfer is always on-chip program or data memory.
When the BWCOUNT register is written with a nonzero value
the BDMA circuit starts executing byte memory accesses with
wait states set by BMWAIT. These accesses continue until the
count reaches zero. When enough accesses have occurred to
Figure 9. Programmable Flag and Composite Control Register
Figure 10. System Control Register
BMWAIT
CMSSEL
0 = DISABLE
CMS
1 = ENABLE
CMS
DM(0x3FE6)
PFTYPE
0=INPUT
1=OUTPUT
(WHERE BIT: 11-IOM, 10-BM, 9-DM, 8-PM)
0
1
11
10
1
1
00
0
00
0
0
0
15 14 13 12 11 10
9
8
7
6
5
4321
0
PROGRAMMABLE FLAG AND COMPOSITE
SELECT CONTROL
RESERVED
RESERVED,ALW AYS
SE T TO 0
SP O RT0 ENABL E
0= DIS ABL E
1 = E NABL E
DM (0x3F FF)
S YSTEM CONTROL
S P ORT 1 E NABLE
0 = DISABLE
1 = E NABLE
S PO RT1 C ONF IGURE
0= FI,FO , IRQ0, IRQ1, S CLK
1= SP O RT1
DIS ABLE BMS
0 = E NABL E BMS
1= DIS AB LEBMS
PW AIT
P RO GRAM M E MOR Y
W AIT ST ATES
0
0
00
01
0
0
0
0
0
00
1
1
1
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
N OTE: RESERVED BITS ARE SHO WN O N A GRAY FIELD . THESE B ITS
SHOUL D ALW AYS BE WR ITTEN W ITH Z EROS.
R ESERVED
SE T T O 0
Figure 11. BDMA Control Register
Table 7. Data Formats
BTYPE
Internal Memory
Space
Word Size
Alignment
00
Program memory
24
Full word
01
Data memory
16
Full word
10
Data memory
8
MSBs
11
Data memory
8
LSBs
BDMA CONTROL
BMPAGE
BTYPE
BDIR
0= LOAD FROM BM
1= STORE TO BM
BCR
0 = RUN DURING BDMA
1 = HALT DURING BDMA
0
0
0
0
0
0
00
000
0
100
0
15 14 13 12 11 10
98
765
4
3
21
0
DM (0x3FE3)
BDMA
OVERLAY
BITS
(SEE TABLE 12)


Podobny numer części - ADSP-2187LKST-210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2187LKST-210 AD-ADSP-2187LKST-210 Datasheet
223Kb / 32P
   DSP Microcomputer
REV. 0
More results

Podobny opis - ADSP-2187LKST-210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com