Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-070A-000E Arkusz danych(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-070A-000E
Szczegółowy opis  Very Low Power Consumption High Gain Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-070A-000E Arkusz danych(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-070A-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Regulatory Information
The HCPL-4701/4731 and HCPL-
070A/073A have been approved
by the following organizations:
UL
Recognized under UL 1577,
Component Recognition
Program, File E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01.
(Option 060 only)
Insulation Related Specifications
8-Pin DIP
(300 Mil)
SO-8
Parameter
Symbol
Value
Value
Units
Conditions
Minimum External Air
L(101)
7.1
4.9
mm
Measured from input terminals to
Gap (External
output terminals, shortest distance
Clearance)
through air.
Minimum External
L(102)
7.4
4.8
mm
Measured from input terminals to
Tracking (External
output terminals, shortest distance
Creepage)
path along body.
Minimum Internal Plastic
0.08
0.08
mm
Through insulation distance, conductor
Gap (Internal Clearance)
to conductor, usually the direct
distance between the photoemitter and
photodetector inside the optocoupler
cavity.
Tracking Resistance
CTI
200
200
Volts
DIN IEC 112/ VDE 0303 Part 1
(Comparative Tracking
Index)
Isolation Group
IIIa
IIIa
Material Group DIN VDE 0110,
1/89, Table 1)
Option 300 – surface mount classification is Class A in accordance with CECC 00802.
Figure 1b. Pb-Free IR Profile.
Recommended Pb-Free IR Profile
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
Note: Non-halide flux should be used.


Podobny numer części - HCPL-070A-000E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-070A HP-HCPL-070A Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A AVAGO-HCPL-070A Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-070A BOARDCOM-HCPL-070A Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
More results

Podobny opis - HCPL-070A-000E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701-500E AVAGO-HCPL-4701-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com