Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPC1XGKZRC00070G Arkusz danych(PDF) 6 Page - OPLINK Communications Inc.

Numer części TPC1XGKZRC00070G
Szczegółowy opis  CWDM 70km SFP Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPLINK [OPLINK Communications Inc.]
Strona internetowa  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPC1XGKZRC00070G Arkusz danych(HTML) 6 Page - OPLINK Communications Inc.

  TPC1XGKZRC00070G Datasheet HTML 1Page - OPLINK Communications Inc. TPC1XGKZRC00070G Datasheet HTML 2Page - OPLINK Communications Inc. TPC1XGKZRC00070G Datasheet HTML 3Page - OPLINK Communications Inc. TPC1XGKZRC00070G Datasheet HTML 4Page - OPLINK Communications Inc. TPC1XGKZRC00070G Datasheet HTML 5Page - OPLINK Communications Inc. TPC1XGKZRC00070G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
S0260. Rev.01. 2011-12-23
TPC1XGKZRxG
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2011, Oplink Communications, Inc.
Package Outline
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales and
Marketing for your requirements and ordering information (510) 933-7200 or Sales@oplink.com.
Dimensions in [inches] mm
Millimeters are the primary units.
Tolerances are in accordance with
SFF-8432 Rev.5
Model Name
Operating Temperature
Center
Wavelength
Distance
Oplink Part Number
TPC1XGKZRC00010G
- 5°C to +70°C
Commercial
1471nm
70km
TPC1XGKZRC00020G
- 5°C to +70°C
Commercial
1491nm
70km
TPC1XGKZRC00030G
- 5°C to +70°C
Commercial
1511nm
70km
TPC1XGKZRC00040G
- 5°C to +70°C
Commercial
1531nm
70km
TPC1XGKZRC00050G
- 5°C to +70°C
Commercial
1551nm
70km
TPC1XGKZRC00060G
- 5°C to +70°C
Commercial
1571nm
70km
TPC1XGKZRC00070G
- 5°C to +70°C
Commercial
1591nm
70km
TPC1XGKZRC00080G
- 5°C to +70°C
Commercial
1611nm
70km


Podobny numer części - TPC1XGKZRC00070G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPC1XGKZRC00070G OPLINK-TPC1XGKZRC00070G Datasheet
513Kb / 7P
   CWDM 70km SFP Transceivers
More results

Podobny opis - TPC1XGKZRC00070G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPC1XGKZRXG OPLINK-TPC1XGKZRXG Datasheet
513Kb / 7P
   CWDM 70km SFP Transceivers
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
DTR-2488-SM-LC-W-G-CWDM OPLINK-DTR-2488-SM-LC-W-G-CWDM Datasheet
191Kb / 6P
   CWDM Transceivers
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-G OPLINK-TRPEG1-G Datasheet
310Kb / 6P
   CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com