Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD2XGKZRC00031G Arkusz danych(PDF) 1 Page - OPLINK Communications Inc.

Numer części TPD2XGKZRC00031G
Szczegółowy opis  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPLINK [OPLINK Communications Inc.]
Strona internetowa  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD2XGKZRC00031G Arkusz danych(HTML) 1 Page - OPLINK Communications Inc.

  TPD2XGKZRC00031G Datasheet HTML 1Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 2Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 3Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 4Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 5Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 6Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 7Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 8Page - OPLINK Communications Inc. TPD2XGKZRC00031G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
An Oplink Company
S0255. Rev.03. (web) 2012-08-08
Absolute Maximum Ratings
The TPD2XGKZRxxG is an enhanced small form factor pluggable (SFP+) fiber
optic transceiver with digital diagnostics monitoring functionality (DDM).
Supporting Ethernet and Fiber Channel standards with dense wavelength
division multiplexing (DWDM) wavelength makes it ideally suited for high
capacity data-com and storage area network applications. DDM functionality
(alarm and warning features) is integrated into the design via an I2C serial
interface per the Multi-Source Agreement (MSA) SFF-8472, Rev. 10.4.
Each transceiver utilizes an electro absorption modulator integrated laser
(EML) with an operating wavelength at ITU 100GHz (0.8nm) grids offset by
50GHz. The transceiver supports data rates ranging from 11.3Gbps down
to 8Gbps. It provides an excellent solution for data transmission at DWDM
wavelength over up to 80km single mode fiber. The low power consumption
and excellent EMI performance enable system design with high port density.
The product is RoHS compliant and is designed and tested in accordance
with industry safety standards. The transceiver is Class I Laser product per U.S.
FDA/CDRH and international IEC-60825 standards.
The TPD2XGKZRxxG transceiver connects to standard 20-pad SFP+
connectors for hot plug capability. This allows the system designer to make
configuration changes or maintenance by simply plugging in different
transceivers without removing the power supply from the host system. The
transmitter and receiver DATA interfaces are internally AC-coupled. LV-TTL
Transmitter Disable control input and Loss of Signal (LOS) output interfaces
are also provided.
The transceiver has bail-type latch, which offers an easy and convenient way
to release the modules. The latch is compliant with the SFP MSA.
The transceiver operates from a single +3.3V power supply over an operating
case temperature range of 5°C to +70°C (commercial), or -5°C to +85°C
(extended) or -40°C to +85°C (industrial). The housing is made of metal for
EMI immunity.
Temperature-stablized DWDM EML transmitter
Transmission distance up to 80km (SM Fiber)
Low power consumption
Wide case operating temperature range
Compliant to SFP+ Electrical MSA SFF-8431
Compliant to SFP+ Mechanical MSA SFF-8432
Digital Diagnostics Monitoring (DDM) through
Serial Interface comply with SFF-8472, Rev. 10.4
RoHS 6/6 compliant
Laser Class 1 IEC/CDRH compliant
Features
Pb
Product Description
TPD2XGKZRxxG
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature Range
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
“Commercial”
T
OP
- 5
+ 70
°C
“Extended”
- 5
+ 85
“Industrial”
- 40
+ 85
Operating Relative Humidity 2
RH
0
85
%
Supply Voltage Range
V
CC
- 0.5
+ 3.6
V
1
Measured on top side of SFP+ module at the front center vent hole of the cage.
2
Non condensing
DWDM 80km SFP+ Transceiver


Podobny numer części - TPD2XGKZRC00031G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPD2XGKZRC00031G OPLINK-TPD2XGKZRC00031G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results

Podobny opis - TPD2XGKZRC00031G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com