Zakładka z wyszukiwarką danych komponentów |
|
TPD2XGKZRC00020G Arkusz danych(PDF) 5 Page - OPLINK Communications Inc. |
|
TPD2XGKZRC00020G Arkusz danych(HTML) 5 Page - OPLINK Communications Inc. |
5 / 9 page Oplink Communications, Inc S0255. Rev.03. (web) 2012-08-08 5 TPD2XGKZRxxG 50 line 50 line 50 line 50 line TD+ TD- RD+ RD- ASIC/ SerDes + 4.7µH 0.1µF 22µF 0.1µF +3.3V +3.3V +3.3V SCL, SDA, MOD_ABS TX_Fault +3.3V R R R SFP+ VccR RX_LOS + 4.7µH 0.1µF 22µF 0.1µF +3.3V VccT VeeT, VeeR R: 4.7k to 10k Interfacing the Transceivers ESD & Electromagnetic Compatibility Application Schematics Recommended electrical connections to transceiver are shown below. Communication is via a serial 2-wire serial interface. As described in the document SFF-8472 (REV. 10.4) there are two distinct address spaces: Requirements Standard Status Electro Static Discharge to the Electrical Pins (ESD) EIA/JESD22-A114-B MIL-STD 883C Method 3015.7 Exceeds requirements Class 1B (>1000V) Immunity to ESD (housing, receptacle) IEN 61000-4-2 Exceeds requirements Discharges ranging from 2kV to 15kV without damages to the transceiver Electromagnetic Emission (EMI) FCC Part 15, Class B EN 55022 Class B CISPR 22 Exceeds requirements Class B Base Address A0(hex) Byte Address Content 0 – 95 Serial Transceiver ID as defined in SFP MSA 96 – 127 OPLINK Specific 128 – 255 Reserved Base Address A2(hex) Byte Address Content 0 - 55 Alarm & Warnings thresholds & limits 56 - 95 External calibration constants (not used) 96 – 119 Values from real time diagnostic monitoring 120 – 127 Not used 128 – 247 Customer specific, writable area 248 - 255 Not used |
Podobny numer części - TPD2XGKZRC00020G |
|
Podobny opis - TPD2XGKZRC00020G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |