Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD1XGKZRI00055G Arkusz danych(PDF) 4 Page - OPLINK Communications Inc.

Numer części TPD1XGKZRI00055G
Szczegółowy opis  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPLINK [OPLINK Communications Inc.]
Strona internetowa  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGKZRI00055G Arkusz danych(HTML) 4 Page - OPLINK Communications Inc.

  TPD1XGKZRI00055G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGKZRI00055G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGKZRI00055G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGKZRI00055G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGKZRI00055G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGKZRI00055G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGKZRI00055G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGKZRI00055G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGKZRI00055G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
S0252. Rev.04. (web) 2012-08-08
Oplink Communications, Inc
TPD1XGKZRxxG
Application Notes
Module Pin Description
Electrical Interface: All signal interfaces are compliant with
the SFP+ MSA specification. The high speed DATA interface
is differential AC-coupled internally and can be directly
connected to a 3.3V SERDES IC. All low speed control and
sense output signals are open collector TTL compatible and
should be pulled up with a 4.7kΩ - 10kΩ resistor on the host
board.
Loss of Signal (LOS): The Loss of Signal circuit monitors the
level of the incoming optical signal and generates logic HIGH
when an insufficient photocurrent is produced.
TX_Fault: The output indicates LOW when the transmitter
is operating normally and HIGH with a laser fault including
laser end-of-life. TX Fault is an open collector/drain output
and should be pulled up with a 4.7kΩ - 10kΩ resistor on the
host board.
TX_Disable: When the TX Disable pin is at logic HIGH,
the transmitter optical output is disabled. The laser is also
disabled if this line is left floating, as it is pulled high inside
the transceiver.
Serial Identification and Monitoring: The module
definition of SFP is indicated by the MOD_ABS pin and the
2-wrie serial interface. Upon power up, the 2-wrie interface
appears as NC (no connection), and MOD_ABS is TTL LOW.
When the host system detects this condition, it activates the
serial protocol (standard two-wire I2C serial interface) and
generates the serial clock signal (SCL). The positive edge
clocks data into the EEPROM segments of the device that
are not write protected, and the negative edge clocks data
from the device. The serial data signal (SDA) is for serial data
transfer. The host uses SDA in conjunction with SCL to mark
the start and end of serial protocol activation.The supported
monitoring functions are temperature, voltage, bias current,
transmitter power, average receiver signal, all alarms and
warnings, and software monitoring of TX Fault/LOS. The
device is internally calibrated.
The data transfer protocol and the details of the mandatory
and vendor specific data structures are defined in the SFP
MSA, and SFF-8472, Rev. 10.4.
Power Supply and Grounding: The power supply line
should be well-filtered. All power supply bypass capacitors
should be as close to the transceiver module as possible.
Pin
Logic
Symbol
Description
1
-
VeeT
Module Transmitter Ground
2
LVTTL-O
TX_Fault
Module Transmitter Fault
3
LVTTL-I
TX_Disable
Transmitter Disable; Turns off transmitter laser output
4
LVTTL-I/O
SDA
2-Wire Serial Interface Data Line
5
LVTTL-I/O
SCL
2-Wire Serial Interface Clock
6
-
MOD-ABS
Module Definition, Grounded in the module
7
LVTTL-I
RS0
No function implemented
8
LVTTL-O
RX_LOS
Receiver Loss of Signal Indication
9
LVTTL-I
RS1
No function implemented
10
-
VeeR
Module Receiver Ground
11
-
VeeR
Module Receiver Ground
12
CML-O
RD-
Receiver Inverted Data Output
13
CML-O
RD+
Receiver Data Output
14
-
VeeR
Module Receiver Ground
15
-
VccR
Module Receiver 3.3V Supply
16
-
VccT
Module Transmitter 3.3V Supply
17
-
VeeT
Module Transmitter Ground
18
CML-I
TD+
Transmitter Non-Inverted Data Input
19
CML-I
TD-
Transmitter Inverted Data Input
20
-
VeeT
Module Transmitter Ground


Podobny numer części - TPD1XGKZRI00055G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPD1XGKZRI00028G OPLINK-TPD1XGKZRI00028G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRI00029G OPLINK-TPD1XGKZRI00029G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRI00030G OPLINK-TPD1XGKZRI00030G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRI00031G OPLINK-TPD1XGKZRI00031G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRI00032G OPLINK-TPD1XGKZRI00032G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
More results

Podobny opis - TPD1XGKZRI00055G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com