Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD2XGKZRI00059G Arkusz danych(PDF) 5 Page - OPLINK Communications Inc.

Numer części TPD2XGKZRI00059G
Szczegółowy opis  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPLINK [OPLINK Communications Inc.]
Strona internetowa  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD2XGKZRI00059G Arkusz danych(HTML) 5 Page - OPLINK Communications Inc.

  TPD2XGKZRI00059G Datasheet HTML 1Page - OPLINK Communications Inc. TPD2XGKZRI00059G Datasheet HTML 2Page - OPLINK Communications Inc. TPD2XGKZRI00059G Datasheet HTML 3Page - OPLINK Communications Inc. TPD2XGKZRI00059G Datasheet HTML 4Page - OPLINK Communications Inc. TPD2XGKZRI00059G Datasheet HTML 5Page - OPLINK Communications Inc. TPD2XGKZRI00059G Datasheet HTML 6Page - OPLINK Communications Inc. TPD2XGKZRI00059G Datasheet HTML 7Page - OPLINK Communications Inc. TPD2XGKZRI00059G Datasheet HTML 8Page - OPLINK Communications Inc. TPD2XGKZRI00059G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Oplink Communications, Inc
S0255. Rev.03. (web) 2012-08-08
5
TPD2XGKZRxxG
50 line
50 line
50 line
50 line
TD+
TD-
RD+
RD-
ASIC/
SerDes
+
4.7µH
0.1µF
22µF
0.1µF
+3.3V
+3.3V
+3.3V
SCL, SDA, MOD_ABS
TX_Fault
+3.3V
R
R
R
SFP+
VccR
RX_LOS
+
4.7µH
0.1µF
22µF
0.1µF
+3.3V
VccT
VeeT, VeeR
R: 4.7k to 10k
Interfacing the Transceivers
ESD & Electromagnetic Compatibility
Application Schematics Recommended electrical connections to transceiver are shown below.
Communication is via a serial 2-wire serial interface. As described in the document SFF-8472 (REV. 10.4) there are two distinct address spaces:
Requirements
Standard
Status
Electro Static Discharge to the Electrical Pins (ESD)
EIA/JESD22-A114-B
MIL-STD 883C Method 3015.7
Exceeds requirements
Class 1B (>1000V)
Immunity to ESD (housing, receptacle)
IEN 61000-4-2
Exceeds requirements
Discharges ranging from 2kV to 15kV
without damages to the transceiver
Electromagnetic Emission (EMI)
FCC Part 15, Class B
EN 55022 Class B
CISPR 22
Exceeds requirements Class B
Base Address A0(hex)
Byte Address
Content
0 – 95
Serial Transceiver ID as defined in SFP MSA
96 – 127
OPLINK Specific
128 – 255
Reserved
Base Address A2(hex)
Byte Address
Content
0 - 55
Alarm & Warnings thresholds & limits
56 - 95
External calibration constants (not used)
96 – 119
Values from real time diagnostic monitoring
120 – 127
Not used
128 – 247
Customer specific, writable area
248 - 255
Not used


Podobny numer części - TPD2XGKZRI00059G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPD2XGKZRI00028G OPLINK-TPD2XGKZRI00028G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRI00029G OPLINK-TPD2XGKZRI00029G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRI00030G OPLINK-TPD2XGKZRI00030G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRI00031G OPLINK-TPD2XGKZRI00031G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRI00032G OPLINK-TPD2XGKZRI00032G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results

Podobny opis - TPD2XGKZRI00059G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com