Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD2XGKZRI00027G Arkusz danych(PDF) 8 Page - OPLINK Communications Inc.

Numer części TPD2XGKZRI00027G
Szczegółowy opis  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPLINK [OPLINK Communications Inc.]
Strona internetowa  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD2XGKZRI00027G Arkusz danych(HTML) 8 Page - OPLINK Communications Inc.

  TPD2XGKZRI00027G Datasheet HTML 1Page - OPLINK Communications Inc. TPD2XGKZRI00027G Datasheet HTML 2Page - OPLINK Communications Inc. TPD2XGKZRI00027G Datasheet HTML 3Page - OPLINK Communications Inc. TPD2XGKZRI00027G Datasheet HTML 4Page - OPLINK Communications Inc. TPD2XGKZRI00027G Datasheet HTML 5Page - OPLINK Communications Inc. TPD2XGKZRI00027G Datasheet HTML 6Page - OPLINK Communications Inc. TPD2XGKZRI00027G Datasheet HTML 7Page - OPLINK Communications Inc. TPD2XGKZRI00027G Datasheet HTML 8Page - OPLINK Communications Inc. TPD2XGKZRI00027G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Oplink Communications, Inc
S0255. Rev.03. (web) 2012-08-08
8
TPD2XGKZRxxG
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD2XGKZRE00050G
- 5°C to +85°C
Extended
1537.00
195.05
H50
80km
TPD2XGKZRE00049G
- 5°C to +85°C
Extended
1537.79
194.95
H49
80km
TPD2XGKZRE00048G
- 5°C to +85°C
Extended
1538.58
194.85
H48
80km
TPD2XGKZRE00047G
- 5°C to +85°C
Extended
1539.37
194.75
H47
80km
TPD2XGKZRE00046G
- 5°C to +85°C
Extended
1540.16
194.65
H46
80km
TPD2XGKZRE00045G
- 5°C to +85°C
Extended
1540.95
194.55
H45
80km
TPD2XGKZRE00044G
- 5°C to +85°C
Extended
1541.75
194.45
H44
80km
TPD2XGKZRE00043G
- 5°C to +85°C
Extended
1542.54
194.35
H43
80km
TPD2XGKZRE00042G
- 5°C to +85°C
Extended
1543.33
194.25
H42
80km
TPD2XGKZRE00041G
- 5°C to +85°C
Extended
1544.13
194.15
H41
80km
TPD2XGKZRE00040G
- 5°C to +85°C
Extended
1544.92
194.05
H40
80km
TPD2XGKZRE00039G
- 5°C to +85°C
Extended
1545.72
193.95
H39
80km
TPD2XGKZRE00038G
- 5°C to +85°C
Extended
1546.52
193.85
H38
80km
TPD2XGKZRE00037G
- 5°C to +85°C
Extended
1547.32
193.75
H37
80km
TPD2XGKZRE00036G
- 5°C to +85°C
Extended
1548.11
193.65
H36
80km
TPD2XGKZRE00035G
- 5°C to +85°C
Extended
1548.91
193.55
H35
80km
TPD2XGKZRE00034G
- 5°C to +85°C
Extended
1549.72
193.45
H34
80km
TPD2XGKZRE00033G
- 5°C to +85°C
Extended
1550.52
193.35
H33
80km
TPD2XGKZRE00032G
- 5°C to +85°C
Extended
1551.32
193.25
H32
80km
TPD2XGKZRE00031G
- 5°C to +85°C
Extended
1552.12
193.15
H31
80km
TPD2XGKZRE00030G
- 5°C to +85°C
Extended
1552.93
193.05
H30
80km
TPD2XGKZRE00029G
- 5°C to +85°C
Extended
1553.73
192.95
H29
80km
TPD2XGKZRE00028G
- 5°C to +85°C
Extended
1554.54
192.85
H28
80km
TPD2XGKZRE00027G
- 5°C to +85°C
Extended
1555.34
192.75
H27
80km
TPD2XGKZRE00026G
- 5°C to +85°C
Extended
1556.15
192.65
H26
80km
TPD2XGKZRE00025G
- 5°C to +85°C
Extended
1556.96
192.55
H25
80km
TPD2XGKZRE00024G
- 5°C to +85°C
Extended
1557.77
192.45
H24
80km
TPD2XGKZRE00023G
- 5°C to +85°C
Extended
1558.58
192.35
H23
80km
TPD2XGKZRE00022G
- 5°C to +85°C
Extended
1559.39
192.25
H22
80km
TPD2XGKZRE00021G
- 5°C to +85°C
Extended
1560.20
192.15
H21
80km
TPD2XGKZRE00020G
- 5°C to +85°C
Extended
1561.01
192.05
H20
80km
TPD2XGKZRE00019G
- 5°C to +85°C
Extended
1561.83
191.95
H19
80km
TPD2XGKZRE00018G
- 5°C to +85°C
Extended
1562.64
191.85
H18
80km
TPD2XGKZRE00017G
- 5°C to +85°C
Extended
1563.45
191.75
H17
80km
TPD2XGKZRE00016G
- 5°C to +85°C
Extended
1564.27
191.65
H16
80km
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD2XGKZRI00061G
- 40°C to +85°C
Industrial
1528.38
196.15
H61
80km
TPD2XGKZRI00060G
- 40°C to +85°C
Industrial
1529.16
196.05
H60
80km
TPD2XGKZRI00059G
- 40°C to +85°C
Industrial
1529.94
195.95
H59
80km
TPD2XGKZRI00058G
- 40°C to +85°C
Industrial
1530.72
195.85
H58
80km
TPD2XGKZRI00057G
- 40°C to +85°C
Industrial
1531.51
195.75
H57
80km
TPD2XGKZRI00056G
- 40°C to +85°C
Industrial
1532.29
195.65
H56
80km


Podobny numer części - TPD2XGKZRI00027G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPD2XGKZRI00028G OPLINK-TPD2XGKZRI00028G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRI00029G OPLINK-TPD2XGKZRI00029G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results

Podobny opis - TPD2XGKZRI00027G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com