Zakładka z wyszukiwarką danych komponentów |
|
AM28F010-70EIB Arkusz danych(PDF) 7 Page - Advanced Micro Devices |
|
AM28F010-70EIB Arkusz danych(HTML) 7 Page - Advanced Micro Devices |
7 / 35 page Am28F010 7 BASIC PRINCIPLES The device uses 100% TTL-level control inputs to manage the command register. Erase and repro- gramming operations use a fixed 12.0 V ± 5% high voltage input. Read Only Memory Without high VPP voltage, the device functions as a read only memor y and operates like a standard EPROM. The control inputs still manage traditional read, standby, output disable, and Auto select modes. Command Register The command register is enabled only when high volt- age is applied to the VPP pin. The erase and repro- gramming operations are only accessed via the register. In addition, two-cycle commands are required for erase and reprogramming operations. The tradi- tional read, standby, output disable, and Auto select modes are available via the register. The device’s command register is written using stan- dard microprocessor write timings. The register con- trols an internal state machine that manages all device operations. For system design simplification, the de- vice is designed to support either WE# or CE# con- trolled writes. During a system write cycle, addresses are latched on the falling edge of WE# or CE# which- ever occurs last. Data is latched on the rising edge of WE# or CE# whichever occur first. To simplify the fol- lowing discussion, the WE# pin is used as the write cycle control pin throughout the rest of this text. All setup and hold times are with respect to the WE# sig- nal. Overview of Erase/Program Operations Flasherase™ Sequence A multiple step command sequence is required to erase the Flash device (a two-cycle Erase command and repeated one cycle verify commands). Note: The Flash memory array must be completely programmed to 0’s prior to erasure. Refer to the Flashrite™ Programming Algorithm. 1. Erase Setup: Write the Setup Erase command to the command register. 2. Erase: Write the Erase command (same as Setup Erase command) to the command register again. The second command initiates the erase operation. The system software routines must now time-out the erase pulse width (10 ms) prior to issuing the Erase-verify command. An integrated stop timer prevents any possibility of overerasure. 3. Erase-Verify: Write the Erase-verify command to the command register. This command terminates the erase operation. After the erase operation, each byte of the array must be verified. Address in- formation must be supplied with the Erase-verify command. This command verifies the margin and outputs the addressed byte in order to compare the ar r a y d a ta w i th FF h data ( B y t e er as ed) . After successful data verification the Erase-verify command is written again with new address infor- mation. Each byte of the array is sequentially veri- fied in this manner. If data of the addressed location is not verified, the Erase sequence is repeated until the entire array is successfully verified or the sequence is repeated 1000 times. Flashrite Programming Sequence A three step command sequence (a two-cycle Program command and one cycle Verify command) is required to program a byte of the Flash array. Refer to the Flash- rite Algorithm. 1. Program Setup: Write the Setup Program com- mand to the command register. 2. Program: Write the Program command to the com- mand register with the appropriate Address and Data. The system software routines must now time- out the program pulse width (10 µs) prior to issuing the Program-verify command. An integrated stop timer prevents any possibility of overprogramming. 3. Program-Verify: Write the Program-verify com- mand to the command register. This command ter- minates the programming operation. In addition, this command verifies the margin and outputs the byte just programmed in order to compare the array data with the original data programmed. After suc- cessful data verification, the programming se- quence is initiated again for the next byte address to be programmed. If data is not verified successfully, the Program se- quence is repeated until a successful comparison is verified or the sequence is repeated 25 times. Data Protection The device is designed to offer protection against acci- dental erasure or programming caused by spurious system level signals that may exist during power transi- tions. The device powers up in its read only state. Also, with its control register architecture, alteration of the memory contents only occurs after successful comple- tion of specific command sequences. The device also incorporates several features to pre- vent inadvertent write cycles resulting from VCC power- up and power-down transitions or system noise. Low VCC Write Inhibit To avoid initiation of a write cycle during VCC power-up and power-down, the device locks out write cycles for |
Podobny numer części - AM28F010-70EIB |
|
Podobny opis - AM28F010-70EIB |