Zakładka z wyszukiwarką danych komponentów |
|
TPD1XGJERC00035G Arkusz danych(PDF) 3 Page - OPLINK Communications Inc. |
|
TPD1XGJERC00035G Arkusz danych(HTML) 3 Page - OPLINK Communications Inc. |
3 / 9 page 3 TPD1XGJERxx S0217. Rev.01. 2010-12-06 Oplink Communications, Inc Receiver Electrical Interface Electrical Power Supply Characteristics (Over Operating Case Temperature. V CC = 3.13 to 3.47V) (Over Operating Case Temperature. V CC = 3.13 to 3.47V) Connector Pin-out Transmitter Electrical Characteristics (Over Operating Case Temperature. V CC = 3.13 to 3.47V) 11 12 13 14 15 16 17 18 19 20 10 9 8 7 6 5 4 3 2 1 VEET TD+ TD- VEET VCCT VCCR VEER RD+ RD- VEER VEER RS1 RX_LOS RS0 MOD-ABS SCL SDA TX_DISABLE TX_FAULT VEET TOWARD HOST TOWARD BEZEL Parameter Symbol Minimum Typical Maximum Units Power Supply Voltage VCC 3.13 3.30 3.47 V DC Common Mode Voltage VCM 0 - 3.60 V Supply Current I VCC - 310 - mA Power Consumption PW - 1.0 - W Parameter Symbol Minimum Typical Maximum Units Differential Output Impedance Z d - 100 - Ω Differential Output Swing V PP-DIFF 300 450 850 mV Output Rise and Fall time (20% to 80%) tRH, tFH 24 - - ps Output HIGH Voltage (LOS) 1 VOH V CC - 1.3 - V CC + 0.3 V Output LOW Voltage (LOS) 1 VOL 0 - 0.8 V 1 Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage). Parameter Symbol Minimum Typical Maximum Units Differential Input Impedance Z d - 100 - Ω Differential Input Voltage Swing V PP-DIFF 180 - 700 mV Input HIGH Voltage (TX Disable) 1 V IH 2.0 - V CC V Input LOW Voltage (TX Disable) 1 V IL 0 - 0.8 V Output HIGH Voltage (TX Fault) 2 V OH 2.0 - V CC + 0.3 V Output LOW Voltage (TX Fault) 2 V OL 0 - 0.8 V 1 There is an internal 4.7kΩ to 10kΩ pull-up resistor to VccT. 2 Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage). Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and +25°C ambient temperature. |
Podobny numer części - TPD1XGJERC00035G |
|
Podobny opis - TPD1XGJERC00035G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |