Zakładka z wyszukiwarką danych komponentów |
|
TPD1XGJERE00028G Arkusz danych(PDF) 2 Page - OPLINK Communications Inc. |
|
TPD1XGJERE00028G Arkusz danych(HTML) 2 Page - OPLINK Communications Inc. |
2 / 9 page S0217. Rev.01. 2010-12-06 2 TPD1XGJERxx Oplink Communications, Inc Transmitter Performance Characteristics (Over Operating Case Temperature. V CC = 3.13 to 3.47V) Receiver Performance Characteristics (Over Operating Case Temperature. V CC = 3.13 to 3.47V) Oplink Communications, Inc. DATE OF MANUFACTURE: This product complies with 21 CFR 1040.10 and 1040.11 Meets Class I Laser Safety Requirements Laser Safety: All transceivers are Class I Laser products per FDA/CDRH and IEC-60825 standards. They must be operated under specified operating conditions. Parameter Symbol Minimum Typical Maximum Units Data Rate B 8.0 - 11.3 Gb/s Center Wavelength 1 λ C See Ordering Information Table nm Spectral Width (-20dB) Δλ 20 - - 1.0 nm Average Optical Output Power 2 PAvg - 4.7 - + 4 dBm Optical Modulation Amplitude POMA - 1.7 - - dBm Extinction Ratio ER 3 - - dB Relative Intensity Noise in OMA RIN21OMA - - - 128 dB/Hz Side Mode Suppression Ratio SMSR 30 - - dB Optical Return Loss Tolerance - - - - 21 dB Transmitter and Dispersion Penalty @ 10.3125Gb/s TDP - - 3 dB Optical Output Eye Compliant with IEEE 802.3ae 1 BOL : ±0.05nm from ITU grid; EOL: ±0.1nm from ITU grid. 2 Average power figures are informative only, per IEEE 802.3ae. Parameter Symbol Minimum Typical Maximum Units Data Rate B 8.0 - 11.3 Gb/s Wavelength of Operation λ 1530 - 1565 nm Receiver Sensitivity OMA @ 10.3125Gb/s 1 Pmin - - - 14.1 dBm Stressed Receiver Sensitivity in OMA (@ 10.3125Gb/s) 2 - - - - 11.3 dBm Maximum Input Optical Power (10 -12 BER) Pmax - 1 - - dBm Receiver Reflectance - - - - 26 dB LOS Hysteresis - 0.5 - - dB LOS Thresholds Increasing Light Input Plos+ - - - 16 dBm Decreasing Light Input Plos- - 30 - - 1 Specified with BER <1x10-12 and PRBS 2 31-1. 2 Comply with IEEE 802.3ae Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and +25°C ambient temperature. |
Podobny numer części - TPD1XGJERE00028G |
|
Podobny opis - TPD1XGJERE00028G |