Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS2807Y1K5 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADS2807Y1K5
Szczegółowy opis  Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS2807Y1K5 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS2807Y1K5 Datasheet HTML 4Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 5Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 6Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 7Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 8Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 9Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 10Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 11Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADS2807
8
SBAS169B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V, differential input range = 2V to 3V for each input, sampling rate = 50MSPS, unless otherwise noted.
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
DIFFERENTIAL LINEARITY ERROR
(Differential, 3Vp-p)
0
1024
2048
3072
4096
Code
f
IN = 10MHz
5
4
3
2
1
0
–1
–2
–3
–4
–5
INTEGRAL LINEARITY ERROR
(Differential, 3Vp-p)
0
1024
2048
3072
4096
Output Codes
f
IN = 10MHz
500k
400k
300k
200k
100k
OUTPUT NOISE HISTOGRAM (DC Input)
N-2
N-1
N
N+1
N+2
Code
3V Full Scale
0
–25
–50
–75
–100
–110
CROSSTALK (Channel A)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Frequency (MHz)
f
IN = 4.8MHz
0
–25
–50
–75
–100
–110
CROSSTALK (Channel B)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Frequency (MHz)
f
IN = 3.5MHz
75
70
65
60
55
50
DYNAMIC PERFORMANCE vs TEMPERATURE
–60
–40
–20
20
040
60
80
100
Temperature (
°C)
f
IN = 10MHz
SFDR
SNR


Podobny numer części - ADS2807Y1K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS2807Y1K5 TI-ADS2807Y1K5 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2807Y1K5G4 TI-ADS2807Y1K5G4 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS2807Y1K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS2807Y TI-ADS2807Y Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS2807 BURR-BROWN-ADS2807 Datasheet
377Kb / 19P
   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2806 BURR-BROWN-ADS2806 Datasheet
378Kb / 19P
   Dual, 12-Bit, 32MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com