Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC10158CIN Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części ADC10158CIN
Szczegółowy opis  ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC10158CIN Arkusz danych(HTML) 3 Page - Texas Instruments

  ADC10158CIN Datasheet HTML 1Page - Texas Instruments ADC10158CIN Datasheet HTML 2Page - Texas Instruments ADC10158CIN Datasheet HTML 3Page - Texas Instruments ADC10158CIN Datasheet HTML 4Page - Texas Instruments ADC10158CIN Datasheet HTML 5Page - Texas Instruments ADC10158CIN Datasheet HTML 6Page - Texas Instruments ADC10158CIN Datasheet HTML 7Page - Texas Instruments ADC10158CIN Datasheet HTML 8Page - Texas Instruments ADC10158CIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Connection Diagrams
Pin Descriptions
AV
+
This is the positive analog supply. This pin
should be bypassed with a 0.1 µF ceramic ca-
pacitor and a 10 µF tantalum capacitor to the
system analog ground.
DV
+
This is the positive digital supply. This supply
pin also needs to be bypassed with 0.1 µF
ceramic and 10 µF tantalum capacitors to the
system digital ground. AV
+ and DV+ should be
bypassed separately and tied to same power
supply.
DGND
This is the digital ground. All logic levels are
referred to this ground.
V
This is the negative analog supply. For unipolar
operation this pin may be tied to the system
analog ground or to a negative supply source.
It should not go above DGND by more than
50 mV. When bipolar operation is required, the
voltage on this pin will limit the analog input’s
negative voltage level. In bipolar operation this
supply pin needs to be bypassed with 0.1 µF
ceramic and 10 µF tantalum capacitors to the
system analog ground.
V
REF
+,
V
REF
These are the positive and negative reference
inputs. The voltage difference between V
REF
+
and V
REF
will set the analog input voltage
span.
V
REFOut
This is the internal band-gap voltage reference
output. For proper operation of the voltage ref-
erence, this pin needs to be bypassed with a
330 µF tantalum or electrolytic capacitor.
CS
This is the chip select input. When a logic low
is applied to this pin the WR and RD pins are
enabled.
RD
This is the read control input. When a logic low
is applied to this pin the digital outputs are
enabled and the INT output is reset high.
WR
This is the write control input. The rising edge
of the signal applied to this pin selects the
multiplexer channel and initiates a conversion.
INT
This is the interrupt output. A logic low at this
output indicates the completion of a conver-
sion.
CLK
This is the clock input. The clock frequency
directly controls the duration of the conversion
time (for example, in the 10-bit bipolar mode
t
C =
22/f
CLK) and the acquisition time (tA =
6/f
CLK).
DB0(MA0)
–DB7 (L/R)
These are the digital data inputs/outputs. DB0
is the least significant bit of the digital output
word; DB7 is the most significant bit in the
digital output word (see the Output Data Con-
figuration table). MA0 through MA4 are the
digital inputs for the multiplexer channel selec-
tion (see the Multiplexer Addressing tables).
U/S (Unsigned/Signed), 8/10, (8/10-bit resolu-
tion) and L/R (Left/Right justification) are the
digital input bits that set the A/D’s output word
format and resolution (see the Output Data
Configuration table). The conversion time is
modified by the chosen resolution (see Electri-
cal AC Characteristics table). The lower the
resolution, the faster the conversion will be.
CH0–CH7
These are the analog input multiplexer chan-
nels. They can be configured as single-ended
inputs,
differential
input
pairs,
or
pseudo-differential inputs (see the Multiplexer
Addressing
tables
for
the
input
polarity
assignments).
Dual-in-Line and SO Packages
DS011225-2
Top View
Order Number ADC10154
NS Package Number M24B
Dual-in-Line and SO Packages
DS011225-3
Top View
Order Number ADC10158
NS Package Numbers
M28B or N28B
www.national.com
2


Podobny numer części - ADC10158CIN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10158CIN NSC-ADC10158CIN Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
More results

Podobny opis - ADC10158CIN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
logo
Maxim Integrated Produc...
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
logo
Analog Devices
DAC02 AD-DAC02_15 Datasheet
1Mb / 5P
   10 BIT PLUS SIGN VOLTAGE OUTPUT
REV. C
logo
Maxim Integrated Produc...
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com