Zakładka z wyszukiwarką danych komponentów |
|
AM186ESLV Arkusz danych(PDF) 1 Page - Advanced Micro Devices |
|
AM186ESLV Arkusz danych(HTML) 1 Page - Advanced Micro Devices |
1 / 102 page PRELIMINARY This document contains information on a product under development at Advanced Micro Devices. The information is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed product without notice. Publication# 20002 Rev: B Amendment/0 Issue Date: February 1997 Am186TMES/ESLV and Am188TM ES/ESLV High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers DISTINCTIVE CHARACTERISTICS n E86™ family 80C186-/188- and 80L186-/188- compatible microcontrollers with enhanced bus interface — Lower system cost with higher performance — 3.3-V ±0.3-V operation (Am186ESLV and Am188ESLV microcontrollers) n High performance — 20-, 25-, 33-, and 40-MHz operating frequencies — Supports zero-wait-state operation at 25 MHz with 100-ns static memory (Am186ESLV and Am188ESLV microcontrollers) and 40 MHz with 70-ns static memory (Am186ES and Am188ES microcontrollers) — 1-Mbyte memory address space — 64-Kbyte I/O space n Enhanced features provide improved memory access and remove the requirement for a 2x clock input — Nonmultiplexed address bus — Processor operates at the clock input frequency — On the Am186ES/ESLV microcontroller, 8-bit or 16-bit memory and I/O static bus option n Enhanced integrated peripherals provide increased functionality, while reducing system cost — Thirty-two programmable I/O (PIO) pins — Two full-featured asynchronous serial ports allow full-duplex, 7-bit, 8-bit, or 9-bit data transfers — Serial port hardware handshaking with CTS, RTS, ENRX, and RTR selectable for each port — Multidrop 9-bit serial port protocol — Independent serial port baud rate generators — DMA to and from the serial ports — Watchdog timer can generate NMI or reset — A pulse-width demodulation option — A data strobe, true asynchronous bus interface option included for DEN — Pseudo static RAM (PSRAM) controller includes auto refresh capability — Reset configuration register n Familiar 80C186/80L186 peripherals — Two independent DMA channels — Programmable interrupt controller with up to eight external and eight internal interrupts — Three programmable 16-bit timers — Programmable memory and peripheral chip-select logic — Programmable wait state generator — Power-save clock divider n Software-compatible with the 80C186/80L186 and 80C188/80L188 microcontrollers with widely available native development tools, applications, and system software n A compatible evolution of the Am186™EM and Am188 ™EM microcontrollers n Available in the following packages: — 100-pin, thin quad flat pack (TQFP) — 100-pin, plastic quad flat pack (PQFP) GENERAL DESCRIPTION T h e Am18 6 ™ES/ESLV and Am188™ES/ESLV microcontrollers are an ideal upgrade for 80C186/188 and 80L186/188 microcontroller designs requiring 80C186/188 and 80L186/188 compatibility, increased performance, serial communications, and a direct bus interface. The Am186ES/ESLV and Am188ES/ESLV microcontrollers ar e p a r t o f th e A M D E 8 6 fa mi l y o f em be dd e d microcontrollers and microprocessors based on the x86 architecture. The E86 family includes the 16- and 32-bit microcontrollers and microprocessors described on page 8. T he Am186 ES/ESL V and Am18 8ES/ESL V microcontrollers have been designed to meet the most co mm on r e qu ir em en ts o f em be dd ed p r od uct s developed for the office automation, mass storage, and communications markets. Specific applications include disk drives, hand-held and desktop terminals, set-top controllers, fax machines, printers, photocopiers, feature phones, cellular phones, PBXs, multiplexers, modems, and industrial controls. |
Podobny numer części - AM186ESLV |
|
Podobny opis - AM186ESLV |