Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34671AEP Arkusz danych(PDF) 6 Page - Freescale Semiconductor, Inc

Numer części MC34671AEP
Szczegółowy opis  High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34671AEP Arkusz danych(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC34671AEP Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34671AEP Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34671
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CHARGE THRESHOLDS
Trickle-mode Rising Threshold Voltage
VTRKL
2.6
2.7
2.8
V
Trickle-mode Threshold Voltage Hysteresis
VTRKLHYS
40
100
150
mV
Recharge Falling Threshold Voltage
VRECH
4.060
4.100
4.140
V
Recharge Threshold Voltage Hysteresis
VTHRCHG
-
25
50
mV
LOGIC INPUT AND OUTPUT
EN Input High Threshold Voltage
VIH
1.5
-
-
V
EN Input Low Threshold Voltage
VIL
-
-
0.5
V
EN Input Leakage Current
VEN = 3.0V
IEN
-
2.0
7.5
µA
PPR and CHG Sink Current When the Output is Low
VCHG =VPPR = 0.6V
IPCSINKL
12
15
-
mA
PPR and CHG Leakage Current When the Output is High-impedance
VCHG =VPPR = 5.0V
IPCLEAKH
-
-
1.0
µA
FAST Sink Current When the Output is Low
VFAST = 0.5.0V
IFSINKL
0.3
-
-
mA
FAST Leakage Current When the Output is High-impedance
VFAST = 3.0V
IFLEAKH
-
-
1.0
µA
CHARGE CURRENT THERMAL FOLDBACK
Current Foldback Die Temperature Limit
TLIMIT
95
110
125
°C
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 5.0V, -40°C ≤ TA ≤ 85°C, CIN = 1.0µF, COUT = 2.2µF (see Figure 1), unless
otherwise noted. Typical values noted reflect the approximate parameter means at VIN = 5.0V and TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Podobny numer części - MC34671AEP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34671AEP/R2 FREESCALE-MC34671AEP/R2 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671AEP/R2 NXP-MC34671AEP/R2 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
More results

Podobny opis - MC34671AEP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com