Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7LX1108WBG Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TC7LX1108WBG
Szczegółowy opis  CMOS Digital Integrated Circuits Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7LX1108WBG Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TC7LX1108WBG Datasheet HTML 1Page - Toshiba Semiconductor TC7LX1108WBG Datasheet HTML 2Page - Toshiba Semiconductor TC7LX1108WBG Datasheet HTML 3Page - Toshiba Semiconductor TC7LX1108WBG Datasheet HTML 4Page - Toshiba Semiconductor TC7LX1108WBG Datasheet HTML 5Page - Toshiba Semiconductor TC7LX1108WBG Datasheet HTML 6Page - Toshiba Semiconductor TC7LX1108WBG Datasheet HTML 7Page - Toshiba Semiconductor TC7LX1108WBG Datasheet HTML 8Page - Toshiba Semiconductor TC7LX1108WBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC7LX1108WBG
4
9.
9.
9.
9. Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Characteristics
Supply voltage
Input voltage (OE)
Bus I/O voltage
Input diode current
I/O diode current
Output current
VCC/ground current per supply pin
Power dissipation
Storage temperature
Symbol
VCCA
VCCB
VIN
VI/OA
VI/OB
IIK
II/OK
IOUTA
IOUTB
ICCA
ICCB
PD
Tstg
Note
(Note 1)
(Note 2)
(Note 1)
(Note 2)
(Note 3)
Rating
-0.5 to 4.6
-0.5 to 4.6
-0.5 to 4.6
-0.5 to 4.6
-0.5 to VCCA +0.5
-0.5 to 4.6
-0.5 to VCCB +0.5
-50
±50
±25
±25
±50
±50
400
-65 to 150
Unit
V
mA
mW
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: Output in OFF state.
Note 2: High or low state. IOUT absolute maximum rating must be observed.
Note 3: VOUT < GND, VOUT > VCC
10.
10.
10.
10. Operating Ranges (Note)
Operating Ranges (Note)
Operating Ranges (Note)
Operating Ranges (Note)
Characteristics
Supply voltage
Input voltage (OE)
Bus I/O voltage
Input rise time
Input fall time
Operating temperature
Symbol
VCCA
VCCB
VIN
VI/OA
VI/OB
dt/dv
Topr
Note
(Note 1)
(Note 2)
(Note 1)
(Note 2)
Test Condition
VIN = 0.8 to 2.0 V, VCCA = 2.5 V,
VCCB = 3.0 V
Rating
1.2 to 3.6
1.2 to 3.6
0 to 3.6
0 to 3.6
0 to VCCA
0 to 3.6
0 to VCCB
0 to 10
0 to 10
-40 to 85
Unit
V
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs and bus inputs must be tied to either VCC or GND. Please connect both bus inputs and the bus
outputs with VCC or GND when the I/O of the bus terminal changes by the function. In this case, please note
that the output is not short-circuited.
Note 1: Output in OFF state.
Note 2: High or low state
2011-06-17
Rev.1.0


Podobny numer części - TC7LX1108WBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7LX1101WBG TOSHIBA-TC7LX1101WBG Datasheet
206Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1102FK TOSHIBA-TC7LX1102FK Datasheet
212Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1102WBG TOSHIBA-TC7LX1102WBG Datasheet
206Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1104WBG TOSHIBA-TC7LX1104WBG Datasheet
210Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1106WBG TOSHIBA-TC7LX1106WBG Datasheet
204Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2012-10-03 Rev.2.0
More results

Podobny opis - TC7LX1108WBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com