Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7S66FUT5LFT Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TC7S66FUT5LFT
Szczegółowy opis  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7S66FUT5LFT Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TC7S66FUT5LFT Datasheet HTML 1Page - Toshiba Semiconductor TC7S66FUT5LFT Datasheet HTML 2Page - Toshiba Semiconductor TC7S66FUT5LFT Datasheet HTML 3Page - Toshiba Semiconductor TC7S66FUT5LFT Datasheet HTML 4Page - Toshiba Semiconductor TC7S66FUT5LFT Datasheet HTML 5Page - Toshiba Semiconductor TC7S66FUT5LFT Datasheet HTML 6Page - Toshiba Semiconductor TC7S66FUT5LFT Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7S66F/FU
2009-09-30
3
Electrical Characteristics
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40
to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
4.5
3.15
3.15
9.0
6.3
6.3
High level
VIHC
12.0
8.4
8.4
2.0
0.5
0.5
4.5
1.35
1.35
9.0
2.7
2.7
Control input
voltage
Low level
VILC
12.0
3.6
3.6
V
4.5
192
340
400
9.0
110
170
200
VIN = VIHC
VI/O = VCC to GND
VI/O <= 1 mA
12.0
90
160
180
2.0
320
4.5
140
200
260
9.0
100
150
190
ON resistance
RON
VIN = VIHC
VI/O = VCC or GND
VI/O <= 1 mA
12.0
90
140
180
Ω
Input/output leakage
current (switch off)
IOFF
VOS = VCC or GND
VIS = GND or VCC
VIN = VILC
12.0
±100
±1000
nA
Switch input leakage
current
(switch on, output open)
IIZ
VOS = VCC or GND
VIN = VIHC
12.0
±100
±1000
nA
Control input current
IIN
VIN = VCC or GND
12.0
±100
±1000
nA
6.0
1.0
10.0
9.0
4.0
40.0
Quiescent device current
ICC
VIN = VCC or GND
12.0
8.0
80.0
μA


Podobny numer części - TC7S66FUT5LFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7S66FU TOSHIBA-TC7S66FU Datasheet
244Kb / 6P
   BILATERAL SWITCH
TC7S66FU TOSHIBA-TC7S66FU Datasheet
252Kb / 7P
   BILATERAL SWITCH
More results

Podobny opis - TC7S66FUT5LFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com