Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD143A-SR05LC Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions

Numer części CD143A-SR05LC
Szczegółowy opis  Steering/TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD143A-SR05LC Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions

  CD143A-SR05LC Datasheet HTML 1Page - Bourns Electronic Solutions CD143A-SR05LC Datasheet HTML 2Page - Bourns Electronic Solutions CD143A-SR05LC Datasheet HTML 3Page - Bourns Electronic Solutions CD143A-SR05LC Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD143A-SR05LC – Steering/TVS Diode Array Series
Product Dimensions
Recommended Pad Layout
B
D
I
K
E
G
H
F
J
C
A
MM
(INCHES)
DIMENSIONS:
1.90
(0.075)
1.70
(0.067)
1.20
(0.047)
0.80
(0.031)
0.85
(0.033)
0.85
(0.033)
0.85
(0.033)
1.05
(0.041)
1.90
(0.075)
2.75
(0.108)
2.85
(0.112)
MM
(INCHES)
DIMENSIONS:
Dimensions
A
2.80 - 3.04
(0.110 - 0.12)
B
1.78 - 2.03
(0.070 - 0.080)
C
2.11 - 2.48
(0.083 - 0.098)
D
1.20 - 1.39
(0.047 - 0.055)
E
0.39 - 0.50
(0.015 - 0.020)
F
0.79 - 0.93
(0.031 - 0.037)
G
0.08 - 0.15
(0.003 - 0.006)
H
0.46 - 0.60
(0.018 - 0.024)
I
0.84 - 1.14
(0.033 - 0.045)
J
0.72 - 0.83
(0.028 - 0.033)
K
0.013 - 0.10
(0.0005 - 0.004)
This is a molded JEDEC SOT-143 device. It weighs approximately 35 mg and has a
flammability rating of UL 94V-0. The dimensions for the packaged device are shown below.
Block Diagram
1
GND
I/O
REF
I/O
2
4
3
This is the footprint recommended for this SOT-143 device.
The device block diagram below includes the pin names and basic
electrical connections associated with each channel.
Typical Part Marking
CD143A-SR05LC..........................................................................5LC


Podobny numer części - CD143A-SR05LC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD143A-SR05LC BOURNS-CD143A-SR05LC_15 Datasheet
346Kb / 5P
   Steering/TVS Diode Array Series
More results

Podobny opis - CD143A-SR05LC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD143A-SR05 BOURNS-CD143A-SR05_11 Datasheet
223Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR2.8 BOURNS-CD143A-SR2.8_11 Datasheet
238Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR05LC BOURNS-CD143A-SR05LC_15 Datasheet
346Kb / 5P
   Steering/TVS Diode Array Series
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com