Zakładka z wyszukiwarką danych komponentów |
|
STD7N52DK3 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
STD7N52DK3 Arkusz danych(HTML) 5 Page - STMicroelectronics |
5 / 16 page STD7N52DK3, STF7N52DK3, STP7N52DK3 Electrical characteristics Doc ID 16387 Rev 2 5/16 The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the usage of external components. Table 6. Switching times Symbol Parameter Test conditions Min. Typ. Max Unit td(on) tr td(off) tf Turn-on delay time Rise time Turn-off-delay time Fall time VDD = 260 V, ID = 3 A, RG = 4.7 Ω, VGS = 10 V (see Figure 19) - 12 12 37 19 - ns ns ns ns Table 7. Source drain diode Symbol Parameter Test conditions Min. Typ. Max. Unit ISD ISDM (1) 1. Pulse width limited by safe operating area Source-drain current Source-drain current (pulsed) - 6 24 A A VSD (2) 2. Pulsed: Pulse duration = 300 µs, duty cycle 1.5% Forward on voltage ISD = 6 A, VGS = 0 - 1.5 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 6 A, di/dt = 100 A/µs VDD = 60 V (see Figure 24) - 110 440 8 ns nC A trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 6 A, di/dt = 100 A/µs VDD = 60 V, Tj = 150 °C (see Figure 24) - 140 680 10 ns nC A Table 8. Gate-source Zener diode Symbol Parameter Test conditions Min. Typ. Max. Unit BVGSO Gate-source breakdown voltage Igs=± 1 mA (open drain) 30 - V |
Podobny numer części - STD7N52DK3 |
|
Podobny opis - STD7N52DK3 |