Zakładka z wyszukiwarką danych komponentów |
|
TL071BCD Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
TL071BCD Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 49 page TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Low Power Consumption D Wide Common-Mode and Differential Voltage Ranges D Low Input Bias and Offset Currents D Output Short-Circuit Protection D Low Total Harmonic Distortion . . . 0.003% Typ D Low Noise Vn = 18 nV/√Hz Typ at f = 1 kHz D High Input Impedance . . . JFET Input Stage D Internal Frequency Compensation D Latch-Up-Free Operation D High Slew Rate . . . 13 V/μs Typ D Common-Mode Input Voltage Range Includes VCC+ description/ordering information The JFET-input operational amplifiers in the TL07x series are similar to the TL08x series, with low input bias and offset currents and fast slew rate. The low harmonic distortion and low noise make the TL07x series ideally suited for high-fidelity and audio preamplifier applications. Each amplifier features JFET inputs (for high input impedance) coupled with bipolar output stages integrated on a single monolithic chip. The C-suffix devices are characterized for operation from 0 °C to 70°C. The I-suffix devices are characterized for operation from −40 °C to 85°C. The M-suffix devices are characterized for operation over the full military temperature range of −55 °C to 125°C. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright © 2005, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Podobny numer części - TL071BCD |
|
Podobny opis - TL071BCD |