Zakładka z wyszukiwarką danych komponentów |
|
TL054IDRE4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
TL054IDRE4 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 68 page TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL052C and TL052AC electrical characteristics at specified free-air temperature (continued) TL052C, TL052AC PARAMETER TEST CONDITIONS TA VCC ± = ±5 V VCC ± = ±15 V UNIT A MIN TYP MAX MIN TYP MAX S l lt j ti 25 °C 75 99 75 99 kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VO = 0, RS = 50 Ω 0 °C 75 98 75 98 dB ratio ( ∆VCC±/∆VIO) 70 °C 75 97 75 97 Sl t 25 °C 4.6 5.6 4.8 5.6 ICC Supply current (two amplifiers) VO = 0, No load 0 °C 4.7 6.4 4.8 6.4 mA (two am lifiers) 70 °C 4.4 6.4 4.6 6.4 VO1/VO2 Crosstalk attenuation AVD = 100 25 °C 120 120 dB TL052C and TL052AC operating characteristics at specified free-air temperature TL052C, TL052AC PARAMETER TEST CONDITIONS TA† VCC ± = ±5 V VCC ± = ±15 V UNIT A MIN TYP MAX MIN TYP MAX SR+ Slew rate at unity gain 25 °C 17.8 9 20.7 SR+ Slew rate at unity gain RL = 2 kΩ, CL = 100 pF, Full range 8 V/ µs SR Negative slew rate See Figure 1 25 °C 15.4 9 17.8 V/ µs SR– g at unity gain‡ Full range 8 25 °C 55 56 tr Rise time 0 °C 54 55 70 °C 63 63 ns VI(PP) = ±10 mV, R2 k Ω 25 °C 55 57 ns tf Fall time () RL = 2 kΩ, CL = 100 pF 0 °C 54 56 CL = 100 F, See Figures 1 and 2 70 °C 62 64 g 25 °C 24 19 Overshoot factor 0 °C 24 19 % 70 °C 24 19 V Equivalent input noise f = 10 Hz 25 °C 71 71 nV/ √Hz Vn q voltage§ RS = 20 Ω, f = 1 kHz 25 °C 19 19 30 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise current See Figure 3 f = 10 Hz to 10 kHz 25 °C 4 4 µV In Equivalent input noise current f = 1 kHz 25 °C 0.01 0.01 pA/ √Hz THD Total harmonic distortion¶ RS = 1 kΩ, f = 1 kHz RL = 2 kΩ, 25 °C 0.003 0.003 % V10 V R2 k Ω 25 °C 3 3 B1 Unity-gain bandwidth VI = 10 mV, CL =25 pF RL = 2 kΩ, See Figure 4 0 °C 3.2 3.2 MHz CL = 25 F, See Figure 4 70 °C 2.6 2.7 Phase margin at unity V10 mV R2 k Ω 25 °C 60 63 φm Phase margin at unity gain VI = 10 mV, CL = 25 pF, RL = 2 kΩ, See Figure 4 0 °C 59 63 deg gain CL = 25 F, See Figure 4 70 °C 60 63 † Full range is 0 °C to 70°C. ‡ For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V. § This parameter is tested on a sample basis. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. ¶ For VCC± = ±5 V, VO(RMS) = 1 V; for VCC± = ±15 V, VO(RMS) = 6 V. |
Podobny numer części - TL054IDRE4 |
|
Podobny opis - TL054IDRE4 |