Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADMP504ACEZ-RL Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADMP504ACEZ-RL
Szczegółowy opis  Ultralow Noise Microphone with Bottom Port and Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADMP504ACEZ-RL Arkusz danych(HTML) 3 Page - Analog Devices

  ADMP504ACEZ-RL Datasheet HTML 1Page - Analog Devices ADMP504ACEZ-RL Datasheet HTML 2Page - Analog Devices ADMP504ACEZ-RL Datasheet HTML 3Page - Analog Devices ADMP504ACEZ-RL Datasheet HTML 4Page - Analog Devices ADMP504ACEZ-RL Datasheet HTML 5Page - Analog Devices ADMP504ACEZ-RL Datasheet HTML 6Page - Analog Devices ADMP504ACEZ-RL Datasheet HTML 7Page - Analog Devices ADMP504ACEZ-RL Datasheet HTML 8Page - Analog Devices ADMP504ACEZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADMP504
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VDD = 1.8 V, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications are not
guaranteed.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PERFORMANCE
Directionality
Omni
Sensitivity
1 kHz, 94 dB SPL
−41
−38
−35
dBV
Signal-to-Noise Ratio
SNR
20 Hz to 20 kHz, A-weighted
65
dBA
Equivalent Input Noise
EIN
20 Hz to 20 kHz, A-weighted
29
dBA SPL
Dynamic Range
Derived from EIN and maximum acoustic input
91
dB
Frequency Response1
Low frequency −3 dB point
100
Hz
High frequency −3 dB point
>20
kHz
Total Harmonic Distortion
THD
104 dB SPL
3
%
Power Supply Rejection
PSR
217 Hz, 100 mV p-p square wave superimposed on
VDD = 1.8 V
70
dBV
Maximum Acoustic Input
Peak, 10% THD
120
dB SPL
POWER SUPPLY
Supply Voltage
VDD
1.6
3.3
V
Supply Current
IS
VDD = 1.8 V
180
200
µA
VDD = 3.3 V
200
225
µA
OUTPUT CHARACTERISTICS
Output Impedance
ZOUT
200
Ω
Output DC Offset
0.8
V
Output Current Limit
90
µA
Maximum Output Voltage
120 dB SPL input, peak
0.25
V
Noise Floor
20 Hz to 20 kHz, A-weighted, rms
−103
dBV
1
See Figure 5 and Figure 7.


Podobny numer części - ADMP504ACEZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADMP504ACEZ-RL AD-ADMP504ACEZ-RL Datasheet
273Kb / 12P
   Ultralow Noise Microphone
REV. 0
ADMP504ACEZ-RL7 AD-ADMP504ACEZ-RL7 Datasheet
273Kb / 12P
   Ultralow Noise Microphone
REV. 0
More results

Podobny opis - ADMP504ACEZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADMP510 AD-ADMP510 Datasheet
247Kb / 12P
   RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
logo
TDK Electronics
INMP504 TDK-INMP504 Datasheet
395Kb / 13P
   Ultra-Low Noise Microphone with Bottom Port and Analog Output
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
   Hardened, Low-Noise Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
logo
Analog Devices
ADMP404 AD-ADMP404 Datasheet
370Kb / 12P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
logo
TDK Electronics
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com