Zakładka z wyszukiwarką danych komponentów |
|
L7981 Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
L7981 Arkusz danych(HTML) 9 Page - STMicroelectronics |
9 / 44 page L7981 Functional description Doc ID 15182 Rev 3 9/44 5.1 Oscillator and synchronization Figure 4 shows the block diagram of the oscillator circuit. The internal oscillator provides a constant frequency clock. Its frequency depends on the resistor externally connect to FSW pin. In case the FSW pin is left floating the frequency is 250 kHz; it can be increased as shown in Figure 6 by external resistor connected to ground. To improve the line transient performance, keeping the PWM gain constant versus the input voltage, the voltage feed forward is implemented by changing the slope of the sawtooth according to the input voltage change (see Figure 5.a). The slope of the sawtooth also changes if the oscillator frequency is increased by the external resistor. In this way a frequency feed forward is implemented (Figure 5.b) in order to keep the PWM gain constant versus the switching frequency (see Section 6.4 for PWM gain expression). On the SYNCH pin the synchronization signal is generated. This signal has a phase shift of 180° with respect to the clock. This delay is useful when two devices are synchronized connecting the SYNCH pin together. When SYNCH pins are connected, the device with higher oscillator frequency works as Master, so the Slave device switches at the frequency of the Master but with a delay of half a period. This minimizes the RMS current flowing through the input capacitor [see L5988D Data sheet]. Figure 4. Oscillator circuit block diagram The device can be synchronized to work at higher frequency feeding an external clock signal. The synchronization changes the sawtooth amplitude, changing the PWM gain (Figure 5.c). This changing has to be taken into account when the loop stability is studied. To minimize the change of the PWM gain, the free running frequency should be set (with a resistor on FSW pin) only slightly lower than the external clock frequency. This pre-adjusting of the frequency will change the sawtooth slope in order to get negligible the truncation of sawtooth, due to the external synchronization. Clock Generator Ramp Generator FSW Sawtooth Clock Synchronization SYNCH Clock Generator Ramp Generator FSW Sawtooth Clock Clock Synchronization SYNCH |
Podobny numer części - L7981 |
|
Podobny opis - L7981 |