Zakładka z wyszukiwarką danych komponentów |
|
Si8640BB-B-IS1 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
Si8640BB-B-IS1 Arkusz danych(HTML) 5 Page - STMicroelectronics |
5 / 44 page Rev. 1.6 5 Si8640/41/42/45 DC Supply Current (All inputs 0 V or at Supply) Si8640Bx, Ex, Si8645Bx VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 1.0 2.4 6.1 2.5 1.6 3.8 9.2 4.0 mA Si8641Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 1.4 2.3 5.2 3.6 2.2 3.7 7.8 5.4 mA Si8642Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 1.8 1.8 4.4 4.4 2.9 2.9 6.6 6.6 mA 1 Mbps Supply Current (All inputs = 500 kHz square wave, CI = 15 pF on all outputs) Si8640Bx, Ex, Si8645Bx VDD1 VDD2 — — 3.6 2.9 5.0 4.0 mA Si8641Bx, Ex VDD1 VDD2 — — 3.4 3.3 4.8 4.6 mA Si8642Bx, Ex VDD1 VDD2 — — 3.3 3.3 4.6 4.6 mA 10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs) Si8640Bx, Ex, Si8645Bx VDD1 VDD2 — — 3.6 4.0 5.0 5.6 mA Si8641Bx, Ex VDD1 VDD2 — — 3.7 4.1 5.2 5.8 mA Si8642Bx, Ex VDD1 VDD2 — — 3.9 3.9 5.4 5.4 mA Table 2. Electrical Characteristics (Continued) (VDD1 = 5 V ±10%, VDD2 = 5 V ±10%, TA =–40 to 125°C) Parameter Symbol Test Condition Min Typ Max Unit Notes: 1. The nominal output impedance of an isolator driver channel is approximately 50 , ±40%, which is a combination of the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads where transmission line effects will be a factor, output pins should be appropriately terminated with controlled impedance PCB traces. 2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at the same supply voltages, load, and ambient temperature. 3. Start-up time is the time period from the application of power to valid data at the output. |
Podobny numer części - Si8640BB-B-IS1 |
|
Podobny opis - Si8640BB-B-IS1 |