Zakładka z wyszukiwarką danych komponentów |
|
Si8642BB-B-IS Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
Si8642BB-B-IS Arkusz danych(HTML) 6 Page - STMicroelectronics |
6 / 44 page 6 Rev. 1.6 Si8640/41/42/45 100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs) Si8640Bx, Ex, Si8645Bx VDD1 VDD2 — — 3.6 17.5 5.0 22.8 mA Si8641Bx, Ex VDD1 VDD2 — — 7.3 14.3 9.8 18.5 mA Si8642Bx, Ex VDD1 VDD2 — — 11 11 14.3 14.3 mA Timing Characteristics Si864xBx, Ex Maximum Data Rate 0 — 150 Mbps Minimum Pulse Width — — 5.0 ns Propagation Delay tPHL, tPLH See Figure 2 5.0 8.0 13 ns Pulse Width Distortion |tPLH – tPHL| PWD See Figure 2 — 0.2 4.5 ns Propagation Delay Skew2 tPSK(P-P) —2.0 4.5 ns Channel-Channel Skew tPSK —0.4 2.5 ns All Models Output Rise Time tr CL =15pF See Figure 2 — 2.5 4.0 ns Output Fall Time tf CL =15pF See Figure 2 — 2.5 4.0 ns Peak Eye Diagram Jitter tJIT(PK) See Figure 8 — 350 — ps Common Mode Transient Immunity CMTI VI =VDD or 0 V VCM =1500V (see Figure 3) 35 50 — kV/µs Enable to Data Valid ten1 See Figure 1 — 6.0 11 ns Enable to Data Tri-State ten2 See Figure 1 — 8.0 12 ns Startup Time3 tSU —15 40 µs Table 2. Electrical Characteristics (Continued) (VDD1 = 5 V ±10%, VDD2 = 5 V ±10%, TA =–40 to 125°C) Parameter Symbol Test Condition Min Typ Max Unit Notes: 1. The nominal output impedance of an isolator driver channel is approximately 50 , ±40%, which is a combination of the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads where transmission line effects will be a factor, output pins should be appropriately terminated with controlled impedance PCB traces. 2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at the same supply voltages, load, and ambient temperature. 3. Start-up time is the time period from the application of power to valid data at the output. |
Podobny numer części - Si8642BB-B-IS |
|
Podobny opis - Si8642BB-B-IS |