Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP11NM65N Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STP11NM65N
Szczegółowy opis  N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM65N Arkusz danych(HTML) 5 Page - STMicroelectronics

  STP11NM65N Datasheet HTML 1Page - STMicroelectronics STP11NM65N Datasheet HTML 2Page - STMicroelectronics STP11NM65N Datasheet HTML 3Page - STMicroelectronics STP11NM65N Datasheet HTML 4Page - STMicroelectronics STP11NM65N Datasheet HTML 5Page - STMicroelectronics STP11NM65N Datasheet HTML 6Page - STMicroelectronics STP11NM65N Datasheet HTML 7Page - STMicroelectronics STP11NM65N Datasheet HTML 8Page - STMicroelectronics STP11NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Doc ID 13476 Rev 4
5/21
STD11NM65N, STF11NM65N, STFI11NM65N, STP11NM65N
Electrical characteristics
21
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d (on)
Turn-on delay time
V
DD
= 325 V, I
D
= 5.5 A,
R
G
= 4.7
Ω, V
GS
= 10 V
(see
Figure 20 and
Figure 23)
-15.5
-
ns
t
r
Rise time
-
10.8
-
ns
t
d(off)
Turn-off delay time
-
11
-
ns
t
f
Fall time
-
47
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
I
SDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
11
44
A
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 11 A, V
GS
= 0
-
1.6
V
t
rr
Reverse recovery time
I
SD
= 11 A, di/dt = 100 A/μs
V
DD
= 60 V (see
Figure 23)
-
418
ns
Q
rr
Reverse recovery charge
-
4.4
μC
I
RRM
Reverse recovery current
-
21
A
t
rr
Reverse recovery time
I
SD
= 11 A, di/dt = 100 A/μs
V
DD
= 60 V, T
j
= 150 °C
(see
Figure 23)
-
530
ns
Q
rr
Reverse recovery charge
-
5.6
μC
I
RRM
Reverse recovery current
-
21
A


Podobny numer części - STP11NM65N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 廓 typ., 11 A MDmesh?줚I Power MOSFET in DPAK, TO-220FP, I짼PAKFP and TO-220 packages
logo
Inchange Semiconductor ...
STP11NM65N ISC-STP11NM65N Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP11NM65N VBSEMI-STP11NM65N Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Podobny opis - STP11NM65N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 廓 typ., 11 A MDmesh?줚I Power MOSFET in DPAK, TO-220FP, I짼PAKFP and TO-220 packages
STE139N65M5 STMICROELECTRONICS-STE139N65M5 Datasheet
1,021Kb / 13P
   N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
STO68N65DM6 STMICROELECTRONICS-STO68N65DM6 Datasheet
1Mb / 15P
   N-channel 650 V, 53 m typ., 55 A MDmesh DM6 Power MOSFET in a TO‑LL package
May 2021 Rev 1
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
   N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
STW54NM65N STMICROELECTRONICS-STW54NM65N Datasheet
499Kb / 12P
   N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
   N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com