Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT72221L Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74ACT72221L
Szczegółowy opis  SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT72221L Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ACT72221L Datasheet HTML 1Page - Texas Instruments SN74ACT72221L Datasheet HTML 2Page - Texas Instruments SN74ACT72221L Datasheet HTML 3Page - Texas Instruments SN74ACT72221L Datasheet HTML 4Page - Texas Instruments SN74ACT72221L Datasheet HTML 5Page - Texas Instruments SN74ACT72221L Datasheet HTML 6Page - Texas Instruments SN74ACT72221L Datasheet HTML 7Page - Texas Instruments SN74ACT72221L Datasheet HTML 8Page - Texas Instruments SN74ACT72221L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN74ACT72211L, SN74ACT72221L, SN74ACT72231L, SN74ACT72241L
512 × 9, 1024 × 9, 2048 × 9, AND 4096 × 9
SYNCHRONOUS FIRST IN, FIRST OUT MEMORIES
SCAS222 − FEBRUARY 1993 − REVISED JUNE 1993
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Read and Write Clocks Can Be
Asynchronous or Coincident
D Organization:
− SN74ACT72211L − 512
× 9
− SN74ACT72221L − 1024
× 9
− SN74ACT72231L − 2048
× 9
− SN74ACT72241L − 4096
× 9
D Write and Read Cycle Times of 15 ns
D Bit-Width Expandable
D Empty and Full Flags
D Programmable Almost-Empty and
Almost-Full Flags With Default Offsets
of Empty+7 and Full −7, Respectively
D TTL-Compatible Inputs
D Fully Compatible With the
IDT72211 / 72221 / 72231 / 72241
D Available in 32-Pin Plastic J-Leaded
Chip Carrier (RJ)
description
The SN74ACT72211L, SN74ACT72221L, SN74ACT72231L, and SN74ACT72241L are constructed with
CMOS dual-port SRAM and are arranged as 512, 1024, 2048, and 4096 9-bit words, respectively. Internal write
and read address counters provide data throughput on a first-in, first-out (FIFO) basis. Full and empty flags
prevent memory overflow and underflow, and two programmable flags (almost full and almost empty) are
provided.
The SN74ACT72211L, SN74ACT72221L, SN74ACT72231L, and SN74ACT72241L are synchronous FIFOs,
which means the data input port and data output port each employ synchronous control. Write-enable (WEN1,
WEN2/LD) signals allow the low-to-high transition of the write clock (WCLK) to store data in memory, and
read-enable (REN1, REN2) signals allow the low-to-high transition of the read clock (RCLK) to read data from
memory. WCLK and RCLK are independent of one another and can operate asynchronously or be tied together
for single-clock operation.
The empty-flag (EF) output is synchronized to RCLK and the full-flag (FF) output is synchronized to WCLK to
indicate absolute boundary conditions. Write operations are prohibited when FF is low, and read operations are
prohibited when EF is low. Two programmable flags, programmable almost empty (PAE) and programmable
almost full (PAF), can both be programmed to indicate any measure of memory fill. After reset, PAE defaults
to empty +7 and PAF defaults to full −7. Flag-offset programming control is similar to a memory write with the
use of the load (WEN2/LD) signal.
These devices are suited for providing a data channel between two buses operating at asynchronous or
synchronous rates. Applications include use as rate buffers for graphics systems and high-speed queues for
communication systems. A 9-bit-wide data path is provided for the transmission of byte data plus a parity bit
or packet-framing information.
The SN74ACT72211L, SN74ACT72221L, SN74ACT72231L, and SN74ACT72241L are characterized for
operation from 0
°C to 70°C.
Copyright
 1993, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
RS
WEN1
WCLK
WEN2/LD
VCC
Q8
Q7
Q6
Q5
D1
D0
PAF
PAE
GND
REN1
RCLK
REN2
OE
430
15 16 17 18 19
RJ PACKAGE
(TOP VIEW)
20
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Podobny numer części - SN74ACT72221L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT72221L TI1-SN74ACT72221L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT72221L15RJ TI1-SN74ACT72221L15RJ Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT72221L20RJ TI1-SN74ACT72221L20RJ Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT72221L25RJ TI1-SN74ACT72221L25RJ Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT72221L35RJ TI1-SN74ACT72221L35RJ Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Podobny opis - SN74ACT72221L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
Texas Instruments
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com