Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT14PWG4 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ACT14PWG4
Szczegółowy opis  HEX SCHMITT-TRIGGER INVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT14PWG4 Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74ACT14PWG4 Datasheet HTML 1Page - Texas Instruments SN74ACT14PWG4 Datasheet HTML 2Page - Texas Instruments SN74ACT14PWG4 Datasheet HTML 3Page - Texas Instruments SN74ACT14PWG4 Datasheet HTML 4Page - Texas Instruments SN74ACT14PWG4 Datasheet HTML 5Page - Texas Instruments SN74ACT14PWG4 Datasheet HTML 6Page - Texas Instruments SN74ACT14PWG4 Datasheet HTML 7Page - Texas Instruments SN74ACT14PWG4 Datasheet HTML 8Page - Texas Instruments SN74ACT14PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN54ACT14, SN74ACT14
HEX SCHMITT TRIGGER INVERTER
SCAS557H − DECEMBER 1995 − REVISED NOVEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54ACT14
SN74ACT14
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VT+
4.5 V
1.2
1.5
1.9
1.2
1.9
1.2
1.9
V
VT+
Positive-going threshold
5.5 V
1.4
1.7
2.1
1.4
2.1
1.4
2.1
V
VT−
4.5 V
0.5
0.9
1.2
0.5
1.2
0.5
1.2
V
VT−
Negative-going threshold
5.5 V
0.6
1
1.4
0.6
1.4
0.6
1.4
V
∆VT
4.5 V
0.4
0.6
1.4
0.4
1.4
0.4
1.4
V
∆VT
Hysteresis (VT+ − VT−)
5.5 V
0.4
0.6
1.5
0.4
1.5
0.4
1.5
V
IOH = −50 A
4.5 V
4.4
4.49
4.4
4.4
IOH = −50 µA
5.5 V
5.4
5.49
5.4
5.4
VOH
IOH = −24 mA
4.5 V
3.86
3.7
3.76
V
VOH
IOH = −24 mA
5.5 V
4.86
4.7
4.76
V
IOH = −50 mA†
5.5 V
3.85
IOH = −75 mA†
5.5 V
3.85
IOL = 50 A
4.5 V
0.001
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.001
0.1
0.1
0.1
VOL
IOL = 24 mA
4.5 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.5
0.44
V
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
40
20
µA
∆ICC‡
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.6
1.6
1.5
mA
Ci
VI = VCC or GND
5 V
4.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54ACT14
SN74ACT14
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
11.5
1
14
1
12.5
ns
tPHL
A
Y
1.5
10
1
13
1
11
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
20
pF


Podobny numer części - SN74ACT14PWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT14PW TI-SN74ACT14PW Datasheet
526Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74ACT14PWR TI-SN74ACT14PWR Datasheet
526Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
More results

Podobny opis - SN74ACT14PWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com