Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC595D Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74VHC595D
Szczegółowy opis  8-bit serial-in/serial-out or parallel-out shift register with output latches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74VHC595D Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74VHC595D Datasheet HTML 1Page - NXP Semiconductors 74VHC595D Datasheet HTML 2Page - NXP Semiconductors 74VHC595D Datasheet HTML 3Page - NXP Semiconductors 74VHC595D Datasheet HTML 4Page - NXP Semiconductors 74VHC595D Datasheet HTML 5Page - NXP Semiconductors 74VHC595D Datasheet HTML 6Page - NXP Semiconductors 74VHC595D Datasheet HTML 7Page - NXP Semiconductors 74VHC595D Datasheet HTML 8Page - NXP Semiconductors 74VHC595D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
74VHC_VHCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 July 2012
5 of 22
NXP Semiconductors
74VHC595; 74VHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
7.
Functional description
[1]
H = HIGH voltage state;
L = LOW voltage state;
 = LOW-to-HIGH transition;
X = don’t care;
NC = no change;
Z = high-impedance OFF-state.
Table 3.
Function table[1]
Control
Input
Output
Function
SHCP STCP OE
MR
DS
Q7S
Qn
X
X
L
L
X
L
NC
a LOW-level on MR only affects the shift registers
X
L
L
X
L
L
empty shift register loaded into storage register
X
X
H
L
X
L
Z
shift register clear; parallel outputs in high-impedance OFF-state
X
L
H
H
Q6S
NC
logic HIGH-level shifted into shift register stage 0. Contents of all
shift register stages shifted through, e.g. previous state of stage 6
(internal Q6S) appears on the serial output (Q7S).
X
L
H
X
NC
QnS
contents of shift register stages (internal QnS) are transferred to
the storage register and parallel output stages

L
H
X
Q6S
QnS
contents of shift register shifted through; previous contents of the
shift register is transferred to the storage register and the parallel
output stages
Fig 7.
Timing diagram
DS
STCP
MR
OE
Q0
Q1
Q6
Q7
Q7S
Z-state
Z-state
Z-state
Z-state


Podobny numer części - 74VHC595D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74VHC595D NEXPERIA-74VHC595D Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595D-Q100 NEXPERIA-74VHC595D-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results

Podobny opis - 74VHC595D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHCT595 NEXPERIA-74AHCT595 Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com