Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM72238TD-50 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części SM72238TD-50
Szczegółowy opis  SM72238TD-50
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SM72238TD-50 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SM72238TD-50 Datasheet HTML 4Page - Texas Instruments SM72238TD-50 Datasheet HTML 5Page - Texas Instruments SM72238TD-50 Datasheet HTML 6Page - Texas Instruments SM72238TD-50 Datasheet HTML 7Page - Texas Instruments SM72238TD-50 Datasheet HTML 8Page - Texas Instruments SM72238TD-50 Datasheet HTML 9Page - Texas Instruments SM72238TD-50 Datasheet HTML 10Page - Texas Instruments SM72238TD-50 Datasheet HTML 11Page - Texas Instruments SM72238TD-50 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SM72238
SNVS694C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Shutdown Threshold Voltage
Line Regulation
Figure 21.
Figure 22.
Maximum Rated Output Current
Thermal Response
Figure 23.
Figure 24.
Output Capacitor ESR Range
Figure 25.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM72238


Podobny numer części - SM72238TD-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
SM72238TD-5.0 NSC-SM72238TD-5.0 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TD-5.0/NOPB TI1-SM72238TD-5.0/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
More results

Podobny opis - SM72238TD-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRACO Electronic AG
TEN50 TRACOPOWER-TEN50 Datasheet
907Kb / 5P
   TEN 50 Series, 50 Watt
Rev. November 30, 2022
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
   Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Analog Devices
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
logo
Pulse A Technitrol Comp...
CX2039LNL PULSE-CX2039LNL Datasheet
180Kb / 2P
   XFMR, RF SGL RAC 50:50
logo
Astec America, Inc
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
logo
PHOENIX CONTACT
3009118 PHOENIX-3009118 Datasheet
149Kb / 7P
   UKH 50
logo
Astec America, Inc
AK60A ASTEC-AK60A Datasheet
944Kb / 2P
   50 Watts
logo
Rosenberger Hochfrequen...
51S156-S00N5 ROSENBERGER-51S156-S00N5 Datasheet
43Kb / 2P
   ADAPTOR bnc 50 PLUG ??TNc 50 PLUG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com