Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA5051ATD-T Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części TDA5051ATD-T
Szczegółowy opis  Home automation modem
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA5051ATD-T Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button TDA5051ATD-T Datasheet HTML 5Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 6Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 7Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 8Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 9Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 10Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 11Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 12Page - NXP Semiconductors TDA5051ATD-T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TDA5051A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 January 2011
9 of 29
NXP Semiconductors
TDA5051A
Home automation modem
[1]
The value of the total transmission mode current is the sum of IDD(RX/TX)(tot) + IDD(PAMP).
[2]
Frequency range corresponding to the EN50065-1 band. However, the modem can operate at any lower oscillator frequency.
[3]
The minimum value can be improved by using an external amplifier; see application diagrams Figure 19 and Figure 20.
Reception mode
Vi(rms)
analog input signal
(RMS value)
[3] 82
-
122
dB
μV
VI
DC level at pin RX_IN
-
2.5
-
V
Zi
RX_IN input impedance
-
50
-
k
Ω
RAGC
AGC range
-
36
-
dB
tc(AGC)
AGC time constant
fosc = 8.48 MHz;
see Figure 5
-
296
-
μs
td(dem)(su)
demodulation delay
set-up time
fosc = 8.48 MHz;
see Figure 21
-
350
400
μs
td(dem)(h)
demodulation delay
hold time
fosc = 8.48 MHz;
see Figure 21
-
420
470
μs
Bdet
detection bandwidth
fosc = 8.48 MHz
-3
-kHz
BER
bit error rate
fosc = 8.48 MHz;
600 baud;
S/N = 35 dB;
signal 76 dB
μV;
see Figure 23
-1
-1
× 10−4
Power-up timing
td(pu)(TX)
delay between power-up
and DATA_IN in
transmission mode
XTAL = 8.48 MHz;
C1 = C2 = 27 pF;
Rp =2.2 MΩ;
see Figure 10
-1
-
μs
td(pu)(RX)
delay between power-up
and DATA_OUT in
reception mode
XTAL = 8.48 MHz;
C1 = C2 = 27 pF;
Rp =2.2 MΩ;
fRXIN = 132.5 kHz;
120 dB
μV sine wave;
see Figure 11
-1
-
μs
Power-down timing
td(pd)(TX)
delay between PD = 0 and
DATA_IN in transmission
mode
fosc = 8.48 MHz;
see Figure 12
-10
-
μs
td(pd)(RX)
delay between PD = 0 and
DATA_OUT in reception
mode
fosc = 8.48 MHz;
fRXIN = 132.5 kHz;
120 dB
μV sine wave;
see Figure 13
-
500
-
μs
tactive(min)
minimum active time with
T = 10 ms power-down
period in reception mode
fosc = 8.48 MHz;
fRXIN = 132.5 kHz;
120 dB
μV sine wave;
see Figure 14
-1
-
μs
Table 5.
Characteristics …continued
VDDD =VDDA =5V ± 5%; Tamb = 40 °C to +85 °C; VDDD connected to VDDA; DGND connected to AGND.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Podobny numer części - TDA5051ATD-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA5051AT PHILIPS-TDA5051AT Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
TDA5051AT NXP-TDA5051AT Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
More results

Podobny opis - TDA5051ATD-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051 PHILIPS-TDA5051 Datasheet
147Kb / 28P
   Home automation modem
1997 Sep 19
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
logo
Silicon Laboratories
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
logo
OmniVision Technologies...
OV798 OMNIVISION-OV798 Datasheet
707Kb / 2P
   Battery Home Automation Cameras
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com