Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7052AN Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA7052AN
Szczegółowy opis  1 W BTL mono audio amplifier with DC volume control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA7052AN Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA7052AN Datasheet HTML 2Page - NXP Semiconductors TDA7052AN Datasheet HTML 3Page - NXP Semiconductors TDA7052AN Datasheet HTML 4Page - NXP Semiconductors TDA7052AN Datasheet HTML 5Page - NXP Semiconductors TDA7052AN Datasheet HTML 6Page - NXP Semiconductors TDA7052AN Datasheet HTML 7Page - NXP Semiconductors TDA7052AN Datasheet HTML 8Page - NXP Semiconductors TDA7052AN Datasheet HTML 9Page - NXP Semiconductors TDA7052AN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
July 1994
6
NXP Semiconductors
Product specification
1 W BTL mono audio amplifier with DC
volume control
TDA7052A/AT
CHARACTERISTICS
VP = 6 V; Tamb = 25 °C; f = 1 kHz; TDA7052A: RL = 8 Ω; TDA7052AT: RL = 16 Ω; unless otherwise specified (see Fig.6).
Notes to the characteristics
1. With a load connected to the outputs the quiescent current will increase, the maximum value of this increase being
equal to the DC output offset voltage dividend by RL.
2. The noise output voltage (RMS value) at f = 500 kHz is measured with RS = 0 Ω and bandwidth = 5 kHz.
3. The ripple rejection is measured with RS = 0 Ω and f = 100 Hz to 10 kHz. The ripple voltage of 200 mV, (RMS value)
is applied to the positive supply rail.
4. The noise output voltage (RMS value) is measured with RS = 5 kΩ unweighted.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage range
4.5
18
V
IP
total quiescent current
VP = 6 V; RL = ∞
note 1
712
mA
Maximum gain; V4 = 1.4 V
PO
output power
THD = 10%
TDA7052A
1.0
1.1
W
TDA7052AT
0.5
0.55
W
THD
total harmonic distortion
TDA7052A
PO = 0.5 W
0.3
1
%
TDA7052AT
PO = 0.25 W
0.3
1
%
Gv
voltage gain
34.5
35.5
36.5
dB
VI
input signal handling
V4 = 0.8 V; THD < 1%
0.5
0.65
V
Vno(rms)
noise output voltage (RMS value)
f = 500 kHz; note 2
210
−μV
B
bandwidth
−1 dB
20 Hz to
300 kHz
SVRR
supply voltage ripple rejection
note 3
38
46
dB
|V
off|
DC output offset voltage
0150
mV
ZI
input impedance (pin 2)
15
20
25
k
Ω
Minimum gain; V4 = 0.5 V
Gv
voltage gain
−−44
dB
Vno(rms)
noise output voltage (RMS value)
note 4
20
30
μV
Mute position
VO
output voltage in mute position
V4 ≤ 0.3 V; VI = 600 mV
−−
30
μV
DC volume control
φ
gain control range
75
80
dB
I4
control current
V4 = 0.4 V
60
70
80
μA


Podobny numer części - TDA7052AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
TDA7052AG-D08-T UTC-TDA7052AG-D08-T Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
TDA7052AG-S08-R UTC-TDA7052AG-S08-R Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results

Podobny opis - TDA7052AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com