Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP34190091RMZR Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części ADP34190091RMZR
Szczegółowy opis  Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP34190091RMZR Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button ADP34190091RMZR Datasheet HTML 2Page - ON Semiconductor ADP34190091RMZR Datasheet HTML 3Page - ON Semiconductor ADP34190091RMZR Datasheet HTML 4Page - ON Semiconductor ADP34190091RMZR Datasheet HTML 5Page - ON Semiconductor ADP34190091RMZR Datasheet HTML 6Page - ON Semiconductor ADP34190091RMZR Datasheet HTML 7Page - ON Semiconductor ADP34190091RMZR Datasheet HTML 8Page - ON Semiconductor ADP34190091RMZR Datasheet HTML 9Page - ON Semiconductor ADP34190091RMZR Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ADP3419
http://onsemi.com
7
Theory of Operation
The ADP3419 is a dual MOSFET driver optimized for
driving two N-channel MOSFETs in a synchronous buck
converter topology. A single PWM input signal is all that is
required to properly drive the high-side and the low-side
MOSFETs. Each driver is capable of driving a 3 nF load at
speeds up to 1 MHz. A more detailed description of the
ADP3419 and its features follows. Refer to the detailed
block diagram in Figure 16.
Figure 16. Detailed Block Diagram of the ADP3419
5
ADP3419
VCC
CROWBAR
IN
VCC
BST
DRVH
GND
SW
DRVL
UVLO
AND BIAS
OVERLAP
PROTECTION
AND
TIME−OUT
CIRCUIT
RBST C
BST
VDCIN
5V
D1
Q1
Q2
+
DRVLSD
SD
7
5
4
1
2
3
6
10
9
8
Undervoltage Lockout
The undervoltage lockout (UVLO) circuit holds both
MOSFET driver outputs low during VCC supply ramp-up.
The UVLO logic becomes active and in control of the driver
outputs at a supply voltage of no greater than 1.5 V. The
UVLO circuit waits until the VCC supply has reached a
voltage high enough to bias logic level MOSFETs fully on
before releasing control of the drivers to the control pins.
Driver Control Input
The driver control input (IN) is connected to the duty ratio
modulation signal of a switch-mode controller. IN can be
driven by 2.5 V to 5.0 V logic. The output MOSFETs are
driven so that the SW node follows the polarity of IN.
Low-Side Driver
The low-side driver is designed to drive a
ground-referenced low RDS(ON) N-channel synchronous
rectifier MOSFET. The bias to the low-side driver is
internally connected to the VCC supply and GND. Once the
supply voltage ramps up and exceeds the UVLO threshold,
the driver is enabled. When the driver is enabled, the driver’s
output is 180
° out of phase with the IN pin. Table 2 shows
the relationship between DRVL and the different control
inputs of the ADP3419.
High-Side Driver
The high-side driver is designed to drive a floating low
RDS(ON) N-channel MOSFET. The bias voltage for the
high-side driver is developed by an external bootstrap supply
circuit, which is connected between the BST and SW pins.
The bootstrap circuit comprises a diode, D1, and bootstrap
capacitor, CBST. When the ADP3419 is starting up, the SW
pin is at ground, so the bootstrap capacitor charges up to
VCC through D1. Once the supply voltage ramps up and
exceeds the UVLO threshold, the driver is enabled. When IN
goes high, the high-side driver begins to turn on the
high-side MOSFET (Q1) by transferring charge from CBST.
As Q1 turns on, the SW pin rises up to VDCIN, forcing the
BST pin to VDCIN + VC(BST), which is enough
gate-to-source voltage to hold Q1 on. To complete the cycle,
Q1 is switched off by pulling the gate down to the voltage at
the SW pin. When the low-side MOSFET (Q2) turns on, the
SW pin is pulled to ground. This allows the bootstrap
capacitor to charge up to VCC again.
When the driver is enabled, the driver’s output is in phase
with the IN pin. Table 2 shows the relationship between
DRVH and the different control inputs of the ADP3419.
Overlap Protection Circuit
The overlap protection circuit prevents both main power
switches, Q1 and Q2, from being on at the same time. This
is done to prevent shoot-through currents from flowing
through both power switches and the associated losses that
can occur during their on-off transitions. The overlap
protection circuit accomplishes this by adaptively
controlling the delay from Q1’s turn-off to Q2’s turn-on, and
the delay from Q2’s turn-off to Q1’s turn-on.
To prevent the overlap of the gate drives during Q1’s
turn-off and Q2’s turn-on, the overlap circuit monitors the
voltage at the SW pin and DRVH pin. When IN goes low, Q1
begins to turn off. The overlap protection circuit waits for
the voltage at the SW and DRVH pins to both fall below
1.6 V. Once both of these conditions are met, Q2 begins to
turn on. Using this method, the overlap protection circuit
ensures that Q1 is off before Q2 turns on, regardless of
variations in temperature, supply voltage, gate charge, and
drive current. There is, however, a timeout circuit that
overrides the waiting period for the SW and DRVH pins to
reach 1.6 V. After the timeout period has expired, DRVL is
asserted high regardless of the SW and DRVH voltages. In
the opposite case, when IN goes high, Q2 begins to turn off
after a propagation delay. The overlap protection circuit
waits for the voltage at DRVL to fall below 1.6 V, after which
DRVH is asserted high and Q1 turns on.
Low-Side Driver Shutdown
The low-side driver shutdown DRVLSD allows a control
signal to shut down the synchronous rectifier. Under light
load conditions, DRVLSD should be pulled low before the
polarity reversal of the inductor current to maximize light
load conversion efficiency. DRVLSD can also be pulled low
for reverse voltage protection purposes.


Podobny numer części - ADP34190091RMZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3419 AD-ADP3419 Datasheet
317Kb / 16P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
REV. A
logo
ON Semiconductor
ADP3419 ONSEMI-ADP3419 Datasheet
186Kb / 13P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
January 2008 ??Rev. 2
logo
Analog Devices
ADP3419JRM-REEL AD-ADP3419JRM-REEL Datasheet
317Kb / 16P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
REV. A
logo
ON Semiconductor
ADP3419JRM-REEL ONSEMI-ADP3419JRM-REEL Datasheet
186Kb / 13P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
January 2008 ??Rev. 2
logo
Analog Devices
ADP3419JRMZ-REEL1 AD-ADP3419JRMZ-REEL1 Datasheet
317Kb / 16P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
REV. A
More results

Podobny opis - ADP34190091RMZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADP3611 ONSEMI-ADP3611 Datasheet
168Kb / 11P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
October, 2008 ??Rev. P0
ADP3611 ONSEMI-ADP3611_1 Datasheet
198Kb / 13P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
October, 2008 ??Rev. 0
logo
Analog Devices
ADP3419 AD-ADP3419 Datasheet
317Kb / 16P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
REV. A
logo
ON Semiconductor
ADP3419 ONSEMI-ADP3419 Datasheet
186Kb / 13P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
January 2008 ??Rev. 2
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
logo
Lowpower Semiconductor ...
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com